Electronic Components Datasheet Search
  English  ▼

X  

DS1631Z Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1631Z
Description  High-Precision Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631Z Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1631Z Datasheet HTML 1Page - Dallas Semiconductor DS1631Z Datasheet HTML 2Page - Dallas Semiconductor DS1631Z Datasheet HTML 3Page - Dallas Semiconductor DS1631Z Datasheet HTML 4Page - Dallas Semiconductor DS1631Z Datasheet HTML 5Page - Dallas Semiconductor DS1631Z Datasheet HTML 6Page - Dallas Semiconductor DS1631Z Datasheet HTML 7Page - Dallas Semiconductor DS1631Z Datasheet HTML 8Page - Dallas Semiconductor DS1631Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS1631/DS1631A/DS1731
5 of 14
EEPROM AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
EEPROM Write Cycle Time
twr
410
ms
EEPROM Writes
NEEWR
-55°C to +55°C
50k
Writes
EEPROM Data Retention
tEEDR
-55°C to +55°C
10
Years
Figure 2. TYPICAL OPERATING CURVES
Figure 3. TIMING DIAGRAM
All timing is referenced to 0.9 x VDD and 0.1 x VDD.
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
1020
3040
5060
70
+3s
-3s
Mean
REFERENCE TEMPERATURE (
°C)
DS1631/DS1631A
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-10
0
10
20
30
40
50
60
70
80
+3s
-3 s
Mean
REFERENCE TEMPERATURE (
°C)
DS1731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com