Electronic Components Datasheet Search
  English  ▼

X  

LM6164 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6164
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6164 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6164 Datasheet HTML 1Page - National Semiconductor (TI) LM6164 Datasheet HTML 2Page - National Semiconductor (TI) LM6164 Datasheet HTML 3Page - National Semiconductor (TI) LM6164 Datasheet HTML 4Page - National Semiconductor (TI) LM6164 Datasheet HTML 5Page - National Semiconductor (TI) LM6164 Datasheet HTML 6Page - National Semiconductor (TI) LM6164 Datasheet HTML 7Page - National Semiconductor (TI) LM6164 Datasheet HTML 8Page - National Semiconductor (TI) LM6164 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ −V−)
36V
Differential Input Voltage
(Note 7)
±8V
Common-Mode Input Voltage
(Note 11)
(V
+ − 0.7V) to (V− + 0.7V)
Output Short Circuit to Gnd
(Note 2)
Continuous
Soldering Information
Dual-In-Line Package (N, J)
Soldering (10 sec.)
260˚C
Small Outline Package (M)
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Storage Temperature Range
−65˚C to +150˚C
Max Junction Temperature
(Note 3)
150˚C
ESD Tolerance (Notes 7, 8)
±700V
Operating Ratings
Temperature Range (Note 3)
LM6164
−55˚C
≤ T
J ≤ +125˚C
LM6264
−25˚C
≤ T
J ≤ +85˚C
LM6364
0˚C
≤ T
J ≤ +70˚C
Supply Voltage Range
4.75V to 32V
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage
to the device may occur. Operating Ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits.
DC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
LM6164
LM6264
LM6364
Symbol
Parameter
Conditions
Typ
Limit
Limit
Limit
Units
(Notes 4, 12)
(Note 4)
(Note 4)
V
OS
Input Offset Voltage
2
4
4
9
mV
66
11
max
V
OS
Input Offset Voltage
6
µV/˚C
Drift
Average Drift
I
b
Input Bias Current
2.5
3
3
5
µA
65
6
max
I
OS
Input Offset Current
150
350
350
1500
nA
800
600
1900
max
I
OS
Input Offset Current
0.3
nA/˚C
Drift
Average Drift
R
IN
Input Resistance
Differential
100
k
Ω
C
IN
Input Capacitance
3.0
pF
A
VOL
Large Signal
V
OUT = ±10V, RL = 2kΩ
2.5
1.8
1.8
1.3
V/mV
Voltage Gain
(Note 10)
0.9
1.2
1.1
min
R
L = 10 kΩ
9
V
CM
Input Common-Mode
Supply = ±15V
+14.0
+13.9
+13.9
+13.8
V
Voltage Range
+13.8
+13.8
+13.7
min
−13.5
−13.3
−13.3
−13.2
V
−13.1
−13.1
−13.1
min
Supply = +5V
4.0
3.9
3.9
3.8
V
(Note 5)
3.8
3.8
3.7
min
1.5
1.7
1.7
1.8
V
1.9
1.9
1.9
max
CMRR
Common-Mode
−10V
≤ V
CM ≤ +10V
105
86
86
80
dB
Rejection Ratio
80
82
78
min
PSRR
Power Supply
±10V
≤ V± ≤ ±16V
96
86
86
80
dB
Rejection Ratio
80
82
78
min
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com