Electronic Components Datasheet Search
  English  ▼

X  

LM6164 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6164
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6164 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6164 Datasheet HTML 1Page - National Semiconductor (TI) LM6164 Datasheet HTML 2Page - National Semiconductor (TI) LM6164 Datasheet HTML 3Page - National Semiconductor (TI) LM6164 Datasheet HTML 4Page - National Semiconductor (TI) LM6164 Datasheet HTML 5Page - National Semiconductor (TI) LM6164 Datasheet HTML 6Page - National Semiconductor (TI) LM6164 Datasheet HTML 7Page - National Semiconductor (TI) LM6164 Datasheet HTML 8Page - National Semiconductor (TI) LM6164 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC Electrical Characteristics (Continued)
Note 9: VIN = 4V step. For supply = ±5V, VIN = 1V step.
Note 10: Voltage Gain is the total output swing (20V) divided by the input signal required to produce that swing.
Note 11: The voltage between V+ and either input pin must not exceed 36V.
Note 12: A military RETS electrical test specification is available on request. At the time of printing, the LM6164J/883 RETS spec complied with the Boldface limits
in this column. The LM6164J/883 may also be procured as Standard Military Drawing #5962-8962401PA.
Typical Performance Characteristics (R
L = 10 kΩ,TA = 25˚C unless otherwise specified)
Supply Current vs
Supply Voltage
DS009153-16
Common-Mode
Rejection Ratio
DS009153-17
Power Supply
Rejection Ratio
DS009153-18
Gain-Bandwidth
Product
DS009153-19
Propagation Delay
Rise and Fall Time
DS009153-20
Gain-Bandwidth Product
vs Load Capacitance
DS009153-21
Slew Rate vs
Load Capacitance
DS009153-22
Overshoot vs
Load Capacitance
DS009153-23
Slew Rate
DS009153-24
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com