Electronic Components Datasheet Search
  English  ▼

X  

LM6164 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6164
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6164 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6164 Datasheet HTML 1Page - National Semiconductor (TI) LM6164 Datasheet HTML 2Page - National Semiconductor (TI) LM6164 Datasheet HTML 3Page - National Semiconductor (TI) LM6164 Datasheet HTML 4Page - National Semiconductor (TI) LM6164 Datasheet HTML 5Page - National Semiconductor (TI) LM6164 Datasheet HTML 6Page - National Semiconductor (TI) LM6164 Datasheet HTML 7Page - National Semiconductor (TI) LM6164 Datasheet HTML 8Page - National Semiconductor (TI) LM6164 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM6164/LM6264/LM6364
High Speed Operational Amplifier
General Description
The LM6164 family of high-speed amplifiers exhibits an ex-
cellent speed-power product in delivering 300V per µs and
175 MHz GBW (stable down to gains as low as +5) with only
5 mA of supply current. Further power savings and applica-
tion convenience are possible by taking advantage of the
wide dynamic range in operating supply voltage which ex-
tends all the way down to +5V.
These amplifiers are built with National’s VIP™ (Vertically In-
tegrated PNP) process which produces fast PNP transistors
that are true complements to the already fast NPN devices.
This advanced junction-isolated process delivers high speed
performance without the need for complex and expensive di-
electric isolation.
Features
n High slew rate:
300 V/µs
n High GBW product:
175 MHz
n Low supply current:
5 mA
n Fast settling:
100 ns to 0.1%
n Low differential gain:
<0.1%
n Low differential phase:
<0.1˚
n Wide supply range:
4.75V to 32V
n Stable with unlimited capacitive load
Applications
n Video amplifier
n Wide-bandwidth signal conditioning
n Radar
n Sonar
Connection Diagrams
VIP™ is a trademark of National Semiconductor Corporation.
DS009153-8
NS Package Number
J08A, M08A or N08E
10-Lead Flatpak
DS009153-15
Top View
NS Package Number W10A
May 1999
© 1999 National Semiconductor Corporation
DS009153
www.national.com


Similar Part No. - LM6164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6161 NSC-LM6161 Datasheet
447Kb / 11P
High Speed Operational Amplifier
logo
Rochester Electronics
LM6161J ROCHESTER-LM6161J Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
logo
National Semiconductor ...
LM6161J/883 NSC-LM6161J/883 Datasheet
447Kb / 11P
High Speed Operational Amplifier
logo
Rochester Electronics
LM6161J883 ROCHESTER-LM6161J883 Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
LM6161JB ROCHESTER-LM6161JB Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
More results

Similar Description - LM6164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
High Speed Operational Amplifier
logo
Linear Technology
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
High Speed Operational Amplifier
LT118A LINER-LT118A Datasheet
499Kb / 8P
High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
High Speed Operational Amplifier
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
High Speed Operational Amplifier
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
High Speed Operational Amplifier
September 1995
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com