Electronic Components Datasheet Search
  English  ▼

X  

PSMN020 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN020
Description  N-channel TrenchMOS횚 transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN020 Datasheet(HTML) 6 Page - NXP Semiconductors

  PSMN020 Datasheet HTML 1Page - NXP Semiconductors PSMN020 Datasheet HTML 2Page - NXP Semiconductors PSMN020 Datasheet HTML 3Page - NXP Semiconductors PSMN020 Datasheet HTML 4Page - NXP Semiconductors PSMN020 Datasheet HTML 5Page - NXP Semiconductors PSMN020 Datasheet HTML 6Page - NXP Semiconductors PSMN020 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PSMN020-150W
MECHANICAL DATA
Fig.16. SOT429; pin 2 connected to mounting base
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to mounting instructions for SOT429 envelope.
3. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT429
TO-247
98-04-07
99-08-04
0
10
20 mm
scale
Plastic single-ended through-hole package; heatsink mounted; 1 mounting hole; 3-lead TO-247
SOT429
E
P
A
A1
β
w M
b
12
3
e
e
b1
b2
c
Q
q
L
Y
R
D
S
L1
(1)
α
UNIT
A1
D
b
E
e
w
S
R
q
Q
P
LY
b2
b1
c
L1
(1)
DIMENSIONS (mm are the original dimensions)
A
β
α
mm
17
°
13
°
6
°
4
°
5.3
4.7
1.9
1.7
2.2
1.8
1.2
0.9
3.2
2.8
0.9
0.6
21
20
16
15
5.45
3.7
3.3
2.6
2.4
5.3
7.5
7.1
0.4
15.7
15.3
16
15
4.0
3.6
3.5
3.3
Note
1. Tinning of terminals are uncontrolled within zone L1.
November 1999
6
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com