Electronic Components Datasheet Search
  English  ▼

X  

M48Z128 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48Z128
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48Z128 Datasheet HTML 11Page - STMicroelectronics M48Z128 Datasheet HTML 12Page - STMicroelectronics M48Z128 Datasheet HTML 13Page - STMicroelectronics M48Z128 Datasheet HTML 14Page - STMicroelectronics M48Z128 Datasheet HTML 15Page - STMicroelectronics M48Z128 Datasheet HTML 16Page - STMicroelectronics M48Z128 Datasheet HTML 17Page - STMicroelectronics M48Z128 Datasheet HTML 18Page - STMicroelectronics M48Z128 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
M48Z128, M48Z128Y, M48Z128V*
PART NUMBERING
Table 12. Ordering Information Scheme
Note: 1. Contact Local Sales Office
2. The SOIC package (SOH28) requires the battery package (SNAPHAT®) which is ordered separately under the part number
“M4Zxx-BR00SH” in plastic tube or “M4Zxx-BR00SHTR” in Tape & Reel form.
Caution: Do not place the SNAPHAT battery package “M4Zxx-BR00SH” in conductive foam as it will drain the lithium button-cell bat-
tery.
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Table 13. SNAPHAT Battery Table
Example:
M48Z
128Y
–70
PM
1
Device Type
M48Z
Supply Voltage and Write Protect Voltage
128 = VCC = 4.75 to 5.5V; VPFD = 4.5 to 4.75V
128Y = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
128V(1) = VCC = 3.0 to 3.6V; VPFD = 2.8 to 3.0V
Speed
–70 = 70ns (for M48Z128/Y)
–85 = 85ns (for M48Z128/Y/V)
–120 = 120ns (for M48Z128/Y/V)
Package(2)
PM = PMDIP32
Temperature Range
1 = 0 to 70°C
Part Number
Description
Package
M4Z28-BR00SH
Lithium Battery (48mAh) SNAPHAT
SH
M4Z32-BR00SH
Lithium Battery (120mAh) SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com