Electronic Components Datasheet Search
  English  ▼

X  

M48Z128 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48Z128
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48Z128 Datasheet HTML 13Page - STMicroelectronics M48Z128 Datasheet HTML 14Page - STMicroelectronics M48Z128 Datasheet HTML 15Page - STMicroelectronics M48Z128 Datasheet HTML 16Page - STMicroelectronics M48Z128 Datasheet HTML 17Page - STMicroelectronics M48Z128 Datasheet HTML 18Page - STMicroelectronics M48Z128 Datasheet HTML 19Page - STMicroelectronics M48Z128 Datasheet HTML 20Page - STMicroelectronics M48Z128 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
M48Z128, M48Z128Y, M48Z128V*
20/21
REVISION HISTORY
Table 18. Revision History
Date
Rev. #
Revision Details
May 1999
1.0
First Issue
13-Apr-00
2.0
Document Layout changed; surface-Mount Chip Set solution added
20-Jun-00
2.1
tGLQX changed (Table 8)
19-Jul-00
2.2
M48Z128V added
14-Sep-01
3.0
Reformatted; added temperature information (Table 5, 6, 8, 9, 10, 11)
07-Nov-01
3.1
Remove chipset option from Ordering Information (Table 12)
20-May-02
3.2
Modify reflow time and temperature footnotes (Table 3)
18-Nov-02
3.3
Modifying SMT solution text (Figure 2, 5; Table 2)
17-Sep-03
3.4
Remove references to M68ZXXX (obsolete) parts (Figure 5; Table 2); update disclaimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com