Electronic Components Datasheet Search
  English  ▼

X  

M48Z128V Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z128V
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z128V Datasheet HTML 5Page - STMicroelectronics M48Z128V Datasheet HTML 6Page - STMicroelectronics M48Z128V Datasheet HTML 7Page - STMicroelectronics M48Z128V Datasheet HTML 8Page - STMicroelectronics M48Z128V Datasheet HTML 9Page - STMicroelectronics M48Z128V Datasheet HTML 10Page - STMicroelectronics M48Z128V Datasheet HTML 11Page - STMicroelectronics M48Z128V Datasheet HTML 12Page - STMicroelectronics M48Z128V Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
M48Z128, M48Z128Y, M48Z128V*
READ Mode
The M48Z128/Y/V is in the READ Mode whenever
W (WRITE Enable) is high and E (Chip Enable) is
low. The device architecture allows ripple-through
access of data from eight of 1,048,576 locations in
the static storage array. Thus, the unique address
specified by the 17 address inputs defines which
one of the 131,072 bytes of data is to be accessed.
Valid data will be available at the Data I/O pins
within Address Access time (tAVQV) after the last
address input signal is stable, providing that the E
and G (Output Enable) access times are also sat-
isfied. If the E and G access times are not met, val-
id data will be available after the later of Chip
Enable Access time (tELQV) or Output Enable Ac-
cess Time (tGLQV). The state of the eight three-
state Data I/O signals is controlled by E and G. If
the outputs are activated before tAVQV, the data
lines will be driven to an indeterminate state until
tAVQV. If the address inputs are changed while E
and G remain low, output data will remain valid for
Output Data Hold time (tAXQX) but will go indeter-
minate until the next Address Access.
Figure 7. Chip Enable or Output Enable Controlled, READ Mode AC Waveforms
Note: WRITE Enable (W) = High.
Figure 8. Address Controlled, READ Mode AC Waveforms
Note: Chip Enable (E) and Output Enable (G) = Low, WRITE Enable (W) = High.
AI01197
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
DATA OUT
A0-A16
E
G
DQ0-DQ7
VALID
AI01078
tAVAV
tAVQV
tAXQX
A0-A16
DQ0-DQ7
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com