Electronic Components Datasheet Search
  English  ▼

X  

P80C32 Datasheet(PDF) 16 Page - TEMIC Semiconductors

Part # P80C32
Description  CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

P80C32 Datasheet(HTML) 16 Page - TEMIC Semiconductors

Back Button P80C32 Datasheet HTML 12Page - TEMIC Semiconductors P80C32 Datasheet HTML 13Page - TEMIC Semiconductors P80C32 Datasheet HTML 14Page - TEMIC Semiconductors P80C32 Datasheet HTML 15Page - TEMIC Semiconductors P80C32 Datasheet HTML 16Page - TEMIC Semiconductors P80C32 Datasheet HTML 17Page - TEMIC Semiconductors P80C32 Datasheet HTML 18Page - TEMIC Semiconductors P80C32 Datasheet HTML 19Page - TEMIC Semiconductors P80C32 Datasheet HTML 20Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
80C32/80C52
Rev. G (14 Jan. 97)
16
MATRA MHS
External Data Memory Characteristics (values in ns)
16 MHz
20 MHz
25 MHz
30 MHz
36 MHz
40 MHz
42 MHz
44 MHz
SYM-
BOL
PARAMETER
min max min max min max min max min max min max min max min max
TRLRH
RD pulse Width
340
270
210
180
120
100
90
80
TWLWH
WR pulse Width
340
270
210
180
120
100
90
80
TLLAX
Address Hold After ALE
85
85
70
55
35
30
25
25
TRLDV
RD to Valid Data in
240
210
175
135
110
90
80
70
TRHDX
Data hold after RD
0
0
0
0
0
0
0
0
TRHDZ
Data float after RD
90
90
80
70
50
45
40
35
TLLDV
ALE to Valid Data In
435
370
290
235
170
150
140
130
TAVDV
Address to Valid Data IN
480
400
320
260
190
180
175
170
TLLWL
ALE to WR or RD
150
250
135
170
120
130
90
115
70
100
60
95
55
90
50
85
TAVWL
Address to WR or RD
180
180
140
115
75
65
60
55
TQVWX
Data valid to WR transition
35
35
30
20
15
10
8
6
TQVWH
Data Setup to WR transition
380
325
250
215
170
160
150
140
TWHQX
Data Hold after WR
40
35
30
20
15
10
8
6
TRLAZ
RD low to Address Float
0
0
0
0
0
0
0
0
TWHLH
RD or WR high to ALE high
35
90
35
60
25
45
20
40
20
40
15
35
13
33
13
33
External Data Memory Write Cycle
TAVWL
TQVWX
External Data Memory Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com