Electronic Components Datasheet Search
  English  ▼

X  

P80C32 Datasheet(PDF) 18 Page - TEMIC Semiconductors

Part # P80C32
Description  CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

P80C32 Datasheet(HTML) 18 Page - TEMIC Semiconductors

Back Button P80C32 Datasheet HTML 12Page - TEMIC Semiconductors P80C32 Datasheet HTML 13Page - TEMIC Semiconductors P80C32 Datasheet HTML 14Page - TEMIC Semiconductors P80C32 Datasheet HTML 15Page - TEMIC Semiconductors P80C32 Datasheet HTML 16Page - TEMIC Semiconductors P80C32 Datasheet HTML 17Page - TEMIC Semiconductors P80C32 Datasheet HTML 18Page - TEMIC Semiconductors P80C32 Datasheet HTML 19Page - TEMIC Semiconductors P80C32 Datasheet HTML 20Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
80C32/80C52
Rev. G (14 Jan. 97)
18
MATRA MHS
External Clock Drive Characteristics (XTAL1)
SYMBOL
PARAMETER
MIN
MAX
UNIT
FCLCL
Oscillator Frequency
44
MHz
TCLCL
Oscillator period
22.7
ns
TCHCX
High Time
5
ns
TCLCX
Low Time
5
ns
TCLCH
Rise Time
5
ns
TCHCL
Fall Time
5
ns
External Clock Drive Waveforms
AC Testing Input/Output Waveforms
AC inputs during testing are driven at Vcc – 0.5 for a logic “1” and 0.45 V for a logic “0”. Timing measurements are
made at VIH min for a logic “1” and VIL max for a logic “0”.
Float Waveforms
For timing purposes as port pin is no longer floating when a 100 mV change from load voltage occurs and begins to
float when a 100 mV change from the loaded VOH/VOL level occurs. Iol/IoH
≥ ± 20 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com