Electronic Components Datasheet Search
  English  ▼

X  

P80C32 Datasheet(PDF) 17 Page - TEMIC Semiconductors

Part # P80C32
Description  CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

P80C32 Datasheet(HTML) 17 Page - TEMIC Semiconductors

Back Button P80C32 Datasheet HTML 12Page - TEMIC Semiconductors P80C32 Datasheet HTML 13Page - TEMIC Semiconductors P80C32 Datasheet HTML 14Page - TEMIC Semiconductors P80C32 Datasheet HTML 15Page - TEMIC Semiconductors P80C32 Datasheet HTML 16Page - TEMIC Semiconductors P80C32 Datasheet HTML 17Page - TEMIC Semiconductors P80C32 Datasheet HTML 18Page - TEMIC Semiconductors P80C32 Datasheet HTML 19Page - TEMIC Semiconductors P80C32 Datasheet HTML 20Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
80C32/80C52
Rev. G (14 Jan. 97)
17
MATRA MHS
Serial Port Timing – Shift Register Mode (values in ns)
16 MHz
20 MHz
25 MHz
30 MHz
36 MHz
40 MHz
42 MHz
44 MHz
SYM-
BOL
PARAMETER
min max min max min max min max min max min max min max min max
TXLXL
Serial Port Clock Cycle Time
750
600
480
400
330
250
230
227
TQVXH
Output Data Setup to Clock
Rising Edge
563
480
380
300
220
170
150
140
TXHQX
Output Data Hold after Clock
Rising Edge
63
90
65
50
45
35
30
25
TXHDX
Input Data Hold after Clock
Rising Edge
0
0
0
0
0
0
0
0
TXHDV
Clock Rising Edge to Input
Data Valid
563
450
350
300
250
200
180
160
Shift Register Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com