Electronic Components Datasheet Search
  English  ▼

X  

DG76 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # DG76
Description  30V maximum DC switching voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG76 Datasheet(HTML) 3 Page - American Electronic Components, inc

  DG76 Datasheet HTML 1Page - American Electronic Components, inc DG76 Datasheet HTML 2Page - American Electronic Components, inc DG76 Datasheet HTML 3Page - American Electronic Components, inc DG76 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DG76B
bistable (latching) power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
All dimensions in mm
Specifications are subject to change without notice. E&OE.
Ref: DG76 090312JHM
Overall Dimensions
Fig. 1
Notes:
1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C.
Wiring Diagrams
Fig. 3
Single Coil Latch
Horizontal with weld terminals (0H)
Twin Coil Latch
Horizontal with weld terminals (0H)
Single Coil Latch
Vertical with weld terminals (0V)
Twin Coil Latch
Vertical with weld terminals (0V)
RESET (open)
SET (close)
SET (close)
RESET (open)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com