Electronic Components Datasheet Search
  English  ▼

X  

DG76 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG76
Description  30V maximum DC switching voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG76 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG76 Datasheet HTML 1Page - American Electronic Components, inc DG76 Datasheet HTML 2Page - American Electronic Components, inc DG76 Datasheet HTML 3Page - American Electronic Components, inc DG76 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG76B
bistable (latching) power relay
Contacts
Contact number & arrangement
SPST-NO (1 Normally Open)
Contact material
AgSnO
2
Max. switching voltage
250VAC / 30VDC
Min. switching current / voltage
500mA/12VDC
Max. continuous current
90A
Max. switching current
90A
Max. switching power
22500VA
Short circuit current
2700A for 10mS (IEC62055-31)
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
5...48VDC
Operating range of supply voltage
See coil table 1
Rated power consumption
Single coil 1.5W
Twin coil 3W
Insulation
Insulation resistance
>1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
between open contacts 3500Vrms, 1min (50Hz)
Creepage & Clearance 8mm
General Data
Operating time
mS ≤ 20
Release time
mS ≤ 20
Electrical Life
ops 1 x 104
Mechanical life
ops 1 x 106
Dimensions
L x W x H 38 x 17 x 30mm (see drawings for detail)
Weight
≤ 55g (varies according to options)
Ambient temperature
storage -40 to 70°C
operating -40 to 70°C (Class F)
Shock resistance
Functional: 98m/s2 11mS; Destructive: 980m/s2
Vibration resistance
10-55Hz: DA 1.5mm
Humidity
98%RH, 40°C
• Up to 90A /240VAC continuous rating
• 30V maximum DC switching voltage
• Single Coil & Twin Coil Latching
• Utility meters, power conditioning
• Automotive / Electric Vehicle Battery
• Highly customisable power terminals
Ref: DG76 090312JHM


Similar Part No. - DG76

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DG7-31 NXP-DG7-31 Datasheet
239Kb / 8P
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES
3.3.1957
DG7-32 PHILIPS-DG7-32 Datasheet
362Kb / 11P
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES TUBE
3.3.1957
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
Utility meters
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
DG721 VISHAY-DG721 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results

Similar Description - DG76

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG38 AEC-DG38 Datasheet
279Kb / 3P
110VDC maximum switching voltage
DG38L AEC-DG38L Datasheet
306Kb / 2P
80VDC maximum switching voltage
DG77 AEC-DG77 Datasheet
264Kb / 3P
30VDC maximum switching voltage
logo
Shanghai Leiditech Elec...
MVR0603-180G LEIDITECH-MVR0603-180G Datasheet
525Kb / 5P
Maximum allowable continuous DC voltage
MVR0603-270G LEIDITECH-MVR0603-270G Datasheet
532Kb / 5P
Maximum allowable continuous DC voltage
MVR0805-3R0G LEIDITECH-MVR0805-3R0G Datasheet
483Kb / 5P
Maximum allowable continuous DC voltage
MVR0805-160G LEIDITECH-MVR0805-160G Datasheet
752Kb / 5P
Maximum allowable continuous DC voltage
MVR0805-220G LEIDITECH-MVR0805-220G Datasheet
680Kb / 5P
Maximum allowable continuous DC voltage
MVR0805-330G LEIDITECH-MVR0805-330G Datasheet
560Kb / 5P
Maximum allowable continuous DC voltage
MVR1812-271G LEIDITECH-MVR1812-271G Datasheet
1Mb / 5P
Maximum allowable continuous DC voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com