Electronic Components Datasheet Search
  English  ▼

X  

DG76 Datasheet(PDF) 4 Page - American Electronic Components, inc

Part # DG76
Description  30V maximum DC switching voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG76 Datasheet(HTML) 4 Page - American Electronic Components, inc

  DG76 Datasheet HTML 1Page - American Electronic Components, inc DG76 Datasheet HTML 2Page - American Electronic Components, inc DG76 Datasheet HTML 3Page - American Electronic Components, inc DG76 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DG76B
bistable (latching) power relay
Ref: DG76 090312JHM
Page 4 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 3
All dimensions in mm
A
B
Twin Coil Latch
Vertical with PCB terminals (5V)
Twin Coil Latch
Vertical with screw terminals (8V)
DG76B with current shunt and welded copper
braid termination.
DG76B with extended power terminals for PCB
mounting or 9.5mm QC push on connectors
Examples of custom terminations :
DG76B with screw thread terminations
DG76B with welded copper braid terminations
for power and horizontal PCB terminals for coil.
Screw Thread = M5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com