Electronic Components Datasheet Search
  English  ▼

X  

MURA210 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURA210
Description  Surface Mount Ultrafast Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA210 Datasheet(HTML) 2 Page - ON Semiconductor

  MURA210 Datasheet HTML 1Page - ON Semiconductor MURA210 Datasheet HTML 2Page - ON Semiconductor MURA210 Datasheet HTML 3Page - ON Semiconductor MURA210 Datasheet HTML 4Page - ON Semiconductor MURA210 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MURA205, SURA8205, MURA210, NRVUA210V, SURA8210
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURA205T3G/SURA8205T3G
MURA210T3G/SURA8210T3G/NRVUA210VT3G
VRRM
VRWM
VR
50
100
V
Average Rectified Forward Current
@ TL = 155°C
@ TL = 135°C
IF(AV)
1.0
2.0
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Operating Junction Temperature Range
TJ
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Lead (TL = 25°C) (Note 1)
Thermal Resistance, Junction−to−Ambient (Note 1)
PsiJL
(Note 2)
RqJA
24
216
°C/W
1. Rating applies when surface mounted on the minimum pad size recommended, PC Board FR−4.
2. In compliance with JEDEC 51, these values (historically represented by RqJL) are now referenced as PsiJL.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 2.0 A, TJ = 25°C)
(iF = 2.0 A, TJ = 150°C)
vF
0.94
0.74
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
iR
2.0
50
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
30
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com