Electronic Components Datasheet Search
  English  ▼

X  

MURA210 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MURA210
Description  Surface Mount Ultrafast Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA210 Datasheet(HTML) 4 Page - ON Semiconductor

  MURA210 Datasheet HTML 1Page - ON Semiconductor MURA210 Datasheet HTML 2Page - ON Semiconductor MURA210 Datasheet HTML 3Page - ON Semiconductor MURA210 Datasheet HTML 4Page - ON Semiconductor MURA210 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MURA205, SURA8205, MURA210, NRVUA210V, SURA8210
www.onsemi.com
4
TYPICAL CHARACTERISTICS
dc
40
20
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR−4 Board with Minimum Pad)
10
30
50
0
150
140
130
0
4
100
1
0.5
170
160
180
40
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
20
60
80
60
40
20
100
0
0
1
0.5
140
120
Figure 9. Power Dissipation
1.5
0
2
1.5
1
0.5
3.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0.5
2.5
0
28
20
12
436
35
15
5
25
45
32
24
16
840
028
20
12
436
50
10
30
2
1.5
3
2.5
3.5
1
160
1.5
NOTE: TYPICAL
CAPACITANCE AT
0 V = 45 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 48 pF
RqJL = 24°C/W
TJ = 175°C
dc
SQUARE WAVE
TJ = 175°C
dc
SQUARE WAVE
RqJA = 216°C/W
TJ = 175°C
SQUARE
WAVE
120
110
2
2.5
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com