Electronic Components Datasheet Search
  English  ▼

X  

MURA210 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURA210
Description  Surface Mount Ultrafast Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA210 Datasheet(HTML) 3 Page - ON Semiconductor

  MURA210 Datasheet HTML 1Page - ON Semiconductor MURA210 Datasheet HTML 2Page - ON Semiconductor MURA210 Datasheet HTML 3Page - ON Semiconductor MURA210 Datasheet HTML 4Page - ON Semiconductor MURA210 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MURA205, SURA8205, MURA210, NRVUA210V, SURA8210
www.onsemi.com
3
TYPICAL CHARACTERISTICS
10
0.1
80
60
40
0.001
20
100
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Reverse Current
Figure 2. Maximum Reverse Current
Figure 3. Typical Forward Voltage
Figure 4. Maximum Forward Voltage
0.01
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
1.1
10
0.1
80
60
40
20
100
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
1.1
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TC = 175°C
100
°C
25
°C
TC = 175°C
100
°C
25
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com