Electronic Components Datasheet Search
  English  ▼

X  

LM6182 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6182 Datasheet HTML 2Page - National Semiconductor (TI) LM6182 Datasheet HTML 3Page - National Semiconductor (TI) LM6182 Datasheet HTML 4Page - National Semiconductor (TI) LM6182 Datasheet HTML 5Page - National Semiconductor (TI) LM6182 Datasheet HTML 6Page - National Semiconductor (TI) LM6182 Datasheet HTML 7Page - National Semiconductor (TI) LM6182 Datasheet HTML 8Page - National Semiconductor (TI) LM6182 Datasheet HTML 9Page - National Semiconductor (TI) LM6182 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
±5V AC Electrical Characteristics
The following specifications apply for supply voltage = ±5V, Vcm = V
O = 0V, Rf = 820Ω, and RL = 1kΩ unless otherwise
noted. Boldface limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 5)
LM6182AM
LM6182AI
LM6182I
Units
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
Xt
Crosstalk Rejection
(Note 7)
92
dB
BW
Closed Loop Bandwidth −3 dB
A
V = +2
50
MHz
A
V = +10
40
A
V = −1
55
A
V = −10
35
Closed Loop Bandwidth
A
V = +2, RL = 150Ω
15
0.1 dB Flat, R
SOURCE = 200Ω
PBW
Power Bandwidth
A
V = −1, VO = 4VPP
40
SR
Slew Rate
A
V = −1, VO = ±2V
500
375
375
375
V/µs
R
L = 150Ω, (Note 8)
min
t
s
Settling Time (0.1%)A
V = −1, VO = ±2V
50
ns
R
L = 150Ω
t
r,tf
Rise and Fall Time
V
O = 1VPP
8.5
t
p
Propagation Delay Time
V
O = 1VPP
8
in(+)
Non-Inverting Input Noise
Current Density
f = 1 kHz
3
pA/
√Hz
in(−)
Inverting Input Noise
Current Density
f = 1 kHz
16
pA/
√Hz
e
n
Input Noise Voltage Density
f = 1 kHz
4
nV/
√Hz
Second Harmonic Distortion
V
O = 2VPP,f = 10 MHz
-45
dBc
A
V = +2
Third Harmonic Distortion
V
O = 2VPP,f = 10 MHz
-55
A
V = +2
Differential Gain
R
L = 150Ω
0.06
%
A
V = +2, NTSC
Differential Phase
R
L = 150Ω
0.16
Deg
A
V = +2, NTSC
THD
Total Harmonic Distortion
V
O = 2VPP,AV = +2,
0.36
%
f = 5 MHz, R
L = 150Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is in-
tended to be functional, but device parameter specifications may not be guaranteed under these conditions. For guaranteed specifications and test conditions, see
the Electrical Characteristics.
Note 2: Human body model 100 pF and 1.5 k
Ω.
Note 3: The typical junction-to-ambient thermal resistance of the molded plastic DIP(N) soldered directly into a PC board is 95˚C/W. The junction-to-ambient thermal
resistance of the S.O. surface mount (M) package mounted flush to the PC board is 70˚C/W when pins 1,4,8,9 and 16 are soldered to a total of 2 in2 1 oz copper
trace. The S.O. (M) package must have pin 4 and at least one of pins 1,8,9, or 16 connected to V− for proper operation.
Note 4: Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowable junction temperature of 150˚C. Each am-
plifier of the LM6182 is short circuit current limited to 100 mA typical.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (boldface type).
Note 7: Each amp excited in turn with 100 kHz to produce Vo = 2 Vpp. Results are input referred.
Note 8: Measured from +25% to +75% of output waveform.
Note 9: Also available per the Standard Military Drawing, 5962-9460301MCA.
Note 10: For guaranteed military specifications see military datasheet MNLM6182AM-X.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com