Electronic Components Datasheet Search
  English  ▼

X  

LM6182 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM6182 Datasheet HTML 13Page - National Semiconductor (TI) LM6182 Datasheet HTML 14Page - National Semiconductor (TI) LM6182 Datasheet HTML 15Page - National Semiconductor (TI) LM6182 Datasheet HTML 16Page - National Semiconductor (TI) LM6182 Datasheet HTML 17Page - National Semiconductor (TI) LM6182 Datasheet HTML 18Page - National Semiconductor (TI) LM6182 Datasheet HTML 19Page - National Semiconductor (TI) LM6182 Datasheet HTML 20Page - National Semiconductor (TI) LM6182 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Typical Applications (Continued)
The extent of the amplifier’s dependence on R
f is displayed
in
Figure 5 for one particular closed-loop gain.
CAPACITIVE FEEDBACK
Current feedback amplifiers rely on feedback impedance for
proper compensation. Even in unity gain current feedback
amplifiers require a feedback resistor. LM6182 performance
is specified for a feedback resistance of 820
Ω. Decreasing
the feedback impedance below 820
Ω extends the amplifier’s
bandwidth leading to possible instability. Capacitive feed-
back should therefore not be used because the impedance
of a capacitor decreases with increasing frequency.
For voltage feedback amplifiers it is quite common to place a
small lead compensation capacitor in parallel with feedback
resistance, R
f. This compensation serves to reduce the am-
plifier’s peaking. One application of the lead compensation
capacitor is to counteract the effects of stray capacitance
from the inverting input to ground in circuit board layouts.
The LM6182 current feedback amplifier does not require this
lead compensation capacitor and has an even simpler, more
elegant solution.
To limit the bandwidth and peaking of the LM6182 current
feedback amplifier, do not use a capacitor across R
f as in
Figure 7. This actually has the opposite effect and extends
the bandwidth of the amplifier leading to possible instability.
Instead, simply increase the value of the feedback resistor
as shown in
Figure 3.
Non-inverting applications can also reduce peaking and limit
bandwidth by adding an RC circuit as illustrated in
Figure 8.
DS011926-25
4A. R
f = 820Ω
DS011926-26
4B. R
f = 500Ω
FIGURE 4. , 4B. Reducing R
f to Increase Bandwidth for
Large Closed-Loop Gains, A
V = +25
DS011926-27
FIGURE 5. −3 dB Bandwidth Is Determined By
Selecting R
f.
DS011926-28
FIGURE 6. Current Feedback Amplifiers are Unstable
with Capacitive Feedback
DS011926-29
FIGURE 7. Compensation Capacitors Are Not Used
with the LM6182, Instead Simply Increase R
f to
Compensate
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com