Electronic Components Datasheet Search
  English  ▼

X  

LM6182 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM6182 Datasheet HTML 15Page - National Semiconductor (TI) LM6182 Datasheet HTML 16Page - National Semiconductor (TI) LM6182 Datasheet HTML 17Page - National Semiconductor (TI) LM6182 Datasheet HTML 18Page - National Semiconductor (TI) LM6182 Datasheet HTML 19Page - National Semiconductor (TI) LM6182 Datasheet HTML 20Page - National Semiconductor (TI) LM6182 Datasheet HTML 21Page - National Semiconductor (TI) LM6182 Datasheet HTML 22Page - National Semiconductor (TI) LM6182 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Typical Applications (Continued)
POWER SUPPLY BYPASSING AND LAYOUT
CONSIDERATIONS
A fundamental requirement for high-speed amplifier design
is adequate bypassing of the power supply. It is critical to
maintain a wideband low-impedance to ground at the ampli-
fiers supply pins to insure the fidelity of high speed amplifier
transient signals. 0.1 µF ceramic bypass capacitors at each
supply pin are sufficient for many applications. Typically
10 µF tantalum capacitors are also required if large current
transients are delivered to the load. The bypass capacitors
should be placed as close to the amplifier pins as possible,
such as 0.5" or less.
Applications requiring high output power, cable drivers for
example, cause increased internal power dissipation. Inter-
nal power dissipation can be minimized by operating at re-
duced power supply voltages, such as ±5V.
Optimum heat dissipation is achieved by using wide circuit
board traces and soldering the part directly onto the board.
Large power supply and ground planes will improve power
dissipation. Safe Operating Area (S.O.A.) is determined us-
ing the Maximum Power Derating Curves.
The 16-pin small outline package (M) has 5 V− heat sinking
pins that enable a junction-to-ambient thermal resistance of
70˚C/W when soldered to 2 in
2 1 oz. copper trace. A V− heat
sinking pin is located on each corner of the package for ease
of layout. This allows high output power and/or operation at
elevated ambient temperatures without the additional cost of
an integrated circuit heat sink. If the heat sinking capabilities
of the S.O. package are not needed, pin 4 and at least one
of pins 1,8,9, or 16 must be connected to V− for proper op-
eration.
Figure 11 shows recommended copper patterns used to dis-
sipate heat from the LM6182.
CROSSTALK REJECTION
The LM6182 has an excellant crosstalk rejection value of
62 dB at 10 MHz. This value is made possible because the
LM6182 amplifiers share no common circuitry other than the
supply. High frequency crosstalk that does appear is prima-
rily caused by the magnetic and capacitive coupling of the in-
ternal bond wires. Bond wires connect the die to the package
lead frame. The amount of current flowing through the bond
wires is proportional to the amount of crosstalk. Therefore,
crosstalk rejection ratings will degrade when driving heavy
loads.
Figure 12 and shows a 10 dB difference for two differ-
ent loads.
DS011926-34
10A
DS011926-35
10B
FIGURE 10. Resistive Isolation of C
L Provides Higher
Fidelity Pulse Response. R
f and Rs Could Also Be
Increased to Maintain A
V = −1 and Improve Pulse
Response Characteristics.
DS011926-36
8-pin DIP (N)
DS011926-37
16-pin S.O. (M)
FIGURE 11. Copper Heatsink Layouts
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com