Electronic Components Datasheet Search
  English  ▼

X  

4075B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4075B
Description  14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4075B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4075B Datasheet HTML 1Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 2Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 3Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 4Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 5Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
Arbitrary Waveform Generators
4075B Series
2
Color LCD display
Front panel
Numeric
keypad
Rotary control
knob
Output On/Off
button
Channel outputs
Menu function
keys
Lin/Log
sweep key
Power button
Waveform
parameter keys
Channel selection key
(dual channel models only)
Modulation
key
Utility key
Intuitive user interface
Easily change all waveform parameters using the intuitive menu-driven front panel keypad, control knob, and easy-to-read LCD. Convenient waveform and range
selection buttons let users make quick and precise adjustments to the output signal.
Multi-unit/channel synchronization and external triggering
Use the built-in 10 MHz external reference input and output, external trigger input, and programmable marker output to synchronize multiple units or channels.
The generator can be connected with another generator or to an external 10 MHz clock for precise phase adjustment. The Sync output connector can be used to
generate a positive TTL pulse output on each waveform cycle. An external trigger input connector is also available to trigger the instrument via an external TTL
signal.
Rear panel
GPIB interface
(50 MHz & 80 MHz models only)
USB
interface
Chassis
ground
Cooling fan
External 10 MHz
reference input and output
Sync output
BNC
External trigger
BNC
Modulation
input BNC
Marker out
BNC
SCPI-compliant
programming
The generators can be
programmed remotely
via the USB and GPIB
interface using SCPI
commands.
Extensive modulation
functions
The generators provide AM,
FM, and FSK modulation
schemes along with combined
AM plus FM capabilities.
Users can also simulate
analog VCOs and VCAs by
inputting a voltage to the
external modulation input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com