Electronic Components Datasheet Search
  English  ▼

X  

4075B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 4075B
Description  14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4075B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  4075B Datasheet HTML 1Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 2Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 3Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 4Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 5Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.bkprecision.com
Arbitrary Waveform Generators
4075B Series
5
Specifications (cont.)
Sampling Rate
200 MSa/s, point execution rate adjustable from 5 ns – 100 s
Vertical Resolution
14 bits (16,384 levels)
Noise
Add 1% to 100% to output arbitrary waveform
Bandwidth
100 MHz max (2-point waveform length)
Frequency
Accuracy: ± 0.002%, Resolution: 4 digits or 1 ps
Rise and Fall Time
< 5 ns (typical)
Jitter
< 50 ps rms (typical)
Output Characteristics
Signal Output
Output Impedance
50 Ω (typical)
Output Protection
Protected against short circuit or accidental voltage applied to the main output connector (2)
Amplitude
Range
10 mV to 10 Vp-p into 50 Ω
Resolution
4 digits (9,999 counts)
Units
Vpp, Vrms, or dBm
Accuracy
± 1% ± 20 mV of the programmed output value from 1 V – 10 V,
± 1% ± 1 mV of the programmed output value from 50 mV – 999 mV
DC Offset
Range
± 4.99 Vpk into 50 Ω
Resolution
1 mV with 4 digits resolution
Units
VDC
Accuracy
± 1% ± 10 mV into 50 Ω
Frequency
Accuracy
± 10 ppm for DDS waveform, ± 20 ppm for arbitrary mode
Phase
-180 to +180 degrees with 0.1 degree resolution
Modulation Characteristics
Amplitude Modulation (AM)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Internal Modulation
0.01 Hz - 20 kHz
Depth
0% to 100%
Frequency Modulation (FM)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Internal Modulation
0.01 Hz - 20 kHz
Deviation
1 µHz to max frequency / 2
Frequency-shift Keying (FSK)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Rate
≤ 1 MHz
Model
4075B
4078B
4076B
4079B
4077B
4080B
Arbitrary Waveform Characteristics
Waveform Length
2 points to 1,048,576 points
2 points to 4,194,304 points
2 points to 16,777,216 points



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com