Electronic Components Datasheet Search
  English  ▼

X  

4075B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 4075B
Description  14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4075B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4075B Datasheet HTML 1Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 2Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 3Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 4Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 5Page - List of Unclassifed Manufacturers 4075B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.bkprecision.com
Arbitrary Waveform Generators
4075B Series
3
Versatile arbitrary waveform generation
The 4075B Series gives users more freedom
by allowing the flash memory to be allocated
via start address and length parameter setups.
For instance, a model 4080B user could
generate one large 16M-point waveform or
up to 49 different waveform setups totaling
16 Mpts in one memory bank. Up to eight
non-volatile memory banks are available to
store arbitrary waveforms with 14-bit vertical
resolution.
Easy noise generation
Conveniently add noise to your waveform directly
from the front panel and precisely adjust the
scale of the noise amplitude. This feature allows
you to choose between generating a noise
waveform and adding noise to an existing
waveform.
The 4075B Series provides fully programmable markers that allow you to generate a positive TTL level
output signal at the points specified by address and length up to 4000 points. It could be used for
applications requiring triggering at specific points in the arbitrary waveform for precise synchronization
between two signals, e.g. simulation of a real world 3-phase AC network where one of the phases is
degraded.
From the front panel, waveforms can be defined
from scratch by entering data point-by-point or
by loading and modifying predefined waveforms.
The WaveXpress waveform editing software is
also provided for users to easily generate, edit,
and upload custom arbitrary waveforms to the
generator via the remote interface. Create
waveforms in the software by importing a text
file or define via freehand, point draw, and
waveform math functions.
Programmable markers
Waveform creation tools
Flexible memory management
WaveXpress software
Master unit 1
unit 2
unit
n
Multi-unit/channel synchronization
Marker Out to Trig In
Ref Out to Ref In



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com