Electronic Components Datasheet Search
  English  ▼

X  

4065 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4065
Description  14-bit, 500 MSa/s, 512k point (Ch2 only) arbitrary waveform generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4065 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4065 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.bkprecision.com
Dual Channel Function/Arbitrary Waveform Generators
4060 Series
2
4.3” color
LCD display
Front panel
Rear panel
Dedicated channel
selection buttons
Numeric keypad
Rotary control
knob
External 10 MHz
clock input BNC
Sync output
BNC
Chassis ground
Modulation
input BNC
External
trigger/gate/FSK/Burst
BNC connector
External 10 MHz
clock output BNC
USB interface
Menu function
keys
Power button
Waveforms, Utility
and Parameter keys
Modulation, Sweep,
and Burst keys
Channel outputs
Intuitive user interface
Easily adjust all waveform parameters using the intuitive menu-driven front panel keypad with dedicated channel selection keys, numeric keypad, and rotary control
knob. Connect your USB flash drive to the USB host port to quickly save and recall instrument settings and waveforms.
USB host port



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com