Electronic Components Datasheet Search
  English  ▼

X  

4065 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 4065
Description  14-bit, 500 MSa/s, 512k point (Ch2 only) arbitrary waveform generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4065 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4065 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.bkprecision.com
Dual Channel Function/Arbitrary Waveform Generators
4060 Series
3
Flexible operation
Easy-to-read color display
Large 4.3” color display shows the currently
selected channel and all relevant parameters.
Generate waveforms with ease
The provided waveform editing software can be
used to create point-by-point arbitrary waveforms
via freehand or waveform math functions. A
standard USB interface on the rear panel allows
users to easily interface with a PC to load these
arbitrary waveforms into the instrument. The front
panel also offers a convenient USB host port for
connecting your USB flash drive to save/recall
instrument settings and waveforms.
Arbitrary waveform generation
All models in the 4060 series provide non-volatile
memory to create, store, and recall up to 24
different 16-kpt arbitrary waveforms and up to 8
different 512-kpt arbitrary waveforms. Users can
also output any of the 36 built-in predefined
arbitrary waveforms.
Wide variety of modulation schemes
These instruments are capable of many different
types of modulation for various applications.
Modulate your waveforms with AM, DSB-AM,
FM, PM, ASK, FSK, and PWM modulation
schemes.
Dual channel output
Save time with the 4060 Series’ two independent
channels to output synchronous signals. With a
push of a button, all waveform parameters can be
quickly copied between channels to set up
identical output signals. Phase between channels
can also be adjusted from the front panel.
Synchronization and external triggering
Use the external 10 MHz clock input and output
to synchronize your signals to a master time base.
The Sync output generates a TTL pulse for
synchronization to a channel’s frequency. An
external trigger BNC connector is also available
for inputting or generating a trigger signal.
For applications requiring high signal integrity
and edge stability, the 4060 Series can
generate pulses with a low cycle-to-cycle
jitter of < 100 ps.
Typical DDS generator with limited rise/fall time ranges
12 ns width pulse at 0.1 Hz frequency
Unlike traditional DDS generators, the
4060 Series has the capability to output a
rapid pulse at very low frequencies. Duty
cycle can be set to as low as 0.0001%.
Advanced pulse generator
4060 Series adjustable rise/fall times
86.06 ps cycle-to-cycle jitter
Capable of setting edge times within a large
range, the 4060 Series can generate pulses
with minimum rise/fall times of 6 ns and
maximum rise/fall times of 6 seconds..



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com