Electronic Components Datasheet Search
  English  ▼

X  

4065 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4065
Description  14-bit, 500 MSa/s, 512k point (Ch2 only) arbitrary waveform generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4065 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4065 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4065 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4060 Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2015
Features & Benefits
I
14-bit, 500 MSa/s, 512k point (Ch2 only)
arbitrary waveform generator
I
Two independent channels with one-button
synchronization
I
Generate sine waves up to 160 MHz
I
Large 4.3-inch LCD color display
I
Linear and logarithmic sweep
I
AM/DSB-AM/ASK/FM/FSK/PM/PWM
modulation functions
I
Variable DC offset
I
Adjustable duty cycle
I
Internal/external triggering
I
Gate and burst mode
I
36 built-in predefined arbitrary waveforms
I
Store/recall up to 10 instrument settings and
32 user-defined arbitrary waveforms
(8 x 512 kpts, 24 x 16 kpts)
I
Built-in counter
I
USB device port (USBTMC-compliant) and
front panel USB host port
I
GPIB connectivity with optional USB-to-GPIB
adapter
I
Arbitrary waveform editing software included
I
Short circuit output protection
I
LabVIEW™ drivers available
The 4060 Series Dual Channel Function/Arbitrary
Waveform Generators are capable of generating
stable and precise sine, square, triangle, pulse,
and arbitrary waveforms. With an easy-to-read
color display and intuitive user interface with
numeric keypad, these instruments offer plenty
of features including linear/logarithmic sweep,
built-in counter, extensive modulation and
triggering capabilities, a continuously variable DC
offset, and a high performance 14-bit, 500 MSa/s
arbitrary waveform generator.
Easily create custom arbitrary waveforms using the
included waveform editing software or use any of
the 36 built-in predefined arbitrary waveforms. Up
to 8 user-defined 512-kpt arbitrary waveforms
and 24 user-defined 16-kpt arbitrary waveforms
can be saved to the instrument. Additionally, the
included LabVIEW™ drivers allow users to
conveniently load and save .CSV or text file data
directly into the arb memory without having to use
waveform editing software.
Model
4063
4064
4065
Sine frequency range
1 µHz – 80 MHz
1 µHz – 120 MHz
1 µHz – 160 MHz
Square frequency range
1 µHz – 40 MHz
1 µHz – 50 MHz
Extensive modulation capabilities include
amplitude and frequency modulation (AM/FM),
double sideband amplitude modulation (DSB-
AM), amplitude and frequency shift keying
(ASK/FSK), phase modulation (PM), and pulse
width modulation (PWM).
The standard external 10 MHz reference clock
input and output allows users to synchronize
their instrument with another generator. This
feature is typically not found in function
generators at this price point. Additionally,
the phase of both output channels can be
synchronized conveniently with the push of
a button.
These versatile function/arbitrary waveform
generators are suitable for education and other
applications that require high signal fidelity, a
variety of modulation schemes, or arbitrary
waveform generation capabilities.


Similar Part No. - 4065

ManufacturerPart #DatasheetDescription
logo
Heyco.
4065 HEYCO-4065 Datasheet
108Kb / 1P
Shorty Snap Rivets
logo
Turck, Inc.
4065000 TURCK-4065000 Datasheet
263Kb / 4P
Inductive Sensor
11/07/2023
logo
Tyco Electronics
406549-1 MACOM-406549-1 Datasheet
244Kb / 1P
INVERTED MODULAR JACK ASSEMBLY
406549-2 MACOM-406549-2 Datasheet
244Kb / 1P
INVERTED MODULAR JACK ASSEMBLY
406549-4 MACOM-406549-4 Datasheet
244Kb / 1P
INVERTED MODULAR JACK ASSEMBLY
More results

Similar Description - 4065

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778697-01 NI-778697-01 Datasheet
469Kb / 4P
100 MS/s, 16-Bit Arbitrary Waveform Generator
PXI-5422 NI-PXI-5422 Datasheet
371Kb / 3P
200 MS/s, 16-Bit Arbitrary Waveform Generator
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
Arbitrary Waveform Generator
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
GSa/s Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4053B ETC2-4053B Datasheet
2Mb / 5P
14-bit, 150 MSa/s, 16k point arbitrary waveform generator
4075B ETC2-4075B Datasheet
375Kb / 6P
14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com