Electronic Components Datasheet Search
  English  ▼

X  

DTC1 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DTC1
Description  ultra miniature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC1 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DTC1 Datasheet HTML 1Page - American Electronic Components, inc DTC1 Datasheet HTML 2Page - American Electronic Components, inc DTC1 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
T
C
1
-
2
3
1
1
-
3
-
Contact material
see Table 1
23
-
AgNi0.15 + Au plate (0.2um)
Contact arrangement
11
-
SPDT (1 C/O)
Cover protection category
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
M
-
for PCB, Surface Mount
(special order)
DTC1
ultra miniature pcb signal relay
Ref: DTC1 011612JHM
Coil Data (150mW)
Table 1
Coil Voltage Code
Nominal
Voltage
(VDC)
Max.
Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
S0015
1.5
3
15
1.2
0.15
S003
3
6
60
2.4
0.3
S005
5
10
167
4.0
0.5
S006
6
12
240
4.8
0.6
S009
9
18
540
7.2
0.9
S012
12
24
960
9.6
1.2
S024
24
48
3840
19.2
2.4
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Other versions available to special order (MOQ=10Kpcs). Contact factory for additional information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com