Electronic Components Datasheet Search
  English  ▼

X  

DTC1 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # DTC1
Description  ultra miniature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC1 Datasheet(HTML) 3 Page - American Electronic Components, inc

  DTC1 Datasheet HTML 1Page - American Electronic Components, inc DTC1 Datasheet HTML 2Page - American Electronic Components, inc DTC1 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTC1
ultra miniature pcb signal relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DTC1 011612JHM
Dimensions in mm
Contact Switching Capacity
Rated Voltage (V)
DC
AC
10
20 30 40 50
100 200 300 400
5
1
0.7
0.5
0.2
0.1
AC
DC
500
100
50
10
7
5
0.1
0.2 0.3 0.4 0.5
0.6
0.7
0.8
0.9 1.0
Contact Life
Rated Current (A)
250
200
150
100
50
0
-40
-20
0
20
40
60 70
80
Ambient Temperature
Ambient Temperature (t)
12.5 max .
1.45
6-0. 5 x0 .3
7.5 max.
0.4 92 max
0.02 0 x0 .012
0.05 7
0.2 95 max.
Mounting (Bottom view)
6 - Ø 1
2.54
7.62
0.03 9
0.30 0
0.1
Wiring diagram
(Bottom view)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com