Electronic Components Datasheet Search
  English  ▼

X  

DTC1 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DTC1
Description  ultra miniature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC1 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DTC1 Datasheet HTML 1Page - American Electronic Components, inc DTC1 Datasheet HTML 2Page - American Electronic Components, inc DTC1 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DTC1
ultra miniature pcb signal relay
Contacts
Contact number & arrangement
SPDT ( 1 Changeover); 1 Form C
Contact material
AgNi0.15 + Au plate (0.2um)
Max. switching voltage
AC/DC 125VAC, 60VDC
Min. switching current / voltage
50mA/6VDC
Rated load (resistive - cos φ=1)
AC1 0.5A, 125VAC
DC1 1A, 30VDC
Max. switching power
62.5VA / 30W
Max. switching current
1A
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 1.5...24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.15W
Insulation
Insulation resistance
≥1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 1000Vrms, 1min, 50Hz
contact to contact 400Vrms, 1min, 50Hz
General Data
Operating time (typical)
mS < 5
Release time (typical)
mS < 5
Electrical Life
ops 1 x 105
Mechanical life
ops 5 x 106
Dimensions
L x W x H 12.5 x 7.5 x 10mm
Weight
≤ 2.2g
Ambient temperature
storage -30 to 70°C
operating -30 to 70°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 3.3mm 10-55Hz
• Ultra miniature - only 12.5 x 7.5 x 10mm
• Up to 1A /30VDC (resistive)
• DIL Pitch PCB mounting
• Cost effective
• RoHS Compliant
Ref: DTC 1 011612JHM


Similar Part No. - DTC1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
logo
First Silicon Co., Ltd
DTC101 FS-DTC101 Datasheet
289Kb / 16P
Bias Resistor Transistor
DTC102 FS-DTC102 Datasheet
289Kb / 16P
Bias Resistor Transistor
DTC103 FS-DTC103 Datasheet
289Kb / 16P
Bias Resistor Transistor
DTC104 FS-DTC104 Datasheet
289Kb / 16P
Bias Resistor Transistor
More results

Similar Description - DTC1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
logo
List of Unclassifed Man...
YH507 ETC1-YH507 Datasheet
709Kb / 2P
Ultra-miniature PCB Telecom Relay
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Omron Electronics LLC
G8N-1 OMRON-G8N-1 Datasheet
251Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
logo
American Electronic Com...
DTC0 AEC-DTC0 Datasheet
156Kb / 3P
ultra miniature pcb power relay
logo
Willow Technologies Ltd
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
ultra miniature automotive pcb relay
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
ultra miniature pcb automotive relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
Ultra-Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com