Electronic Components Datasheet Search
  English  ▼

X  

AD9371 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9371
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9371 Datasheet HTML 45Page - Analog Devices AD9371 Datasheet HTML 46Page - Analog Devices AD9371 Datasheet HTML 47Page - Analog Devices AD9371 Datasheet HTML 48Page - Analog Devices AD9371 Datasheet HTML 49Page - Analog Devices AD9371 Datasheet HTML 50Page - Analog Devices AD9371 Datasheet HTML 51Page - Analog Devices AD9371 Datasheet HTML 52Page - Analog Devices AD9371 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 49 of 60
0
–45
–55
0
RECEIVER INPUT POWER (dBm)
–35
–40
–30
–15
–25
–5
–20
–10
–45
–25
–5
–35
–15
–50
–30
–10
–40
–20
+110°C
+40°C
–40°C
Figure 194. Receiver Error Vector Magnitude (EVM) vs. Receiver Input Power,
5600 MHz LO, 100 MHz RF Bandwidth LTE, 20 MHz Uplink Centered at DC,
BTC Active, 122.88 MSPS Sample Rate
0
–100
5300
5900
RECEIVER LO FREQUENCY (MHz)
–70
–80
–90
–60
–30
–50
–10
–40
–20
5500
5700
5400
5800
5600
Figure 195. Rx2 to Rx1 Crosstalk vs. Receiver LO Frequency,
100 MHz RF Bandwidth, CW Tone 3 MHz Offset from LO
30
0
–40
0
OUT-OF-BAND INTERFERER SIGNAL POWER (dBm)
15
5
25
10
20
–25
–5
–35
–15
–30
–10
–20
+110°C
+40°C
–40°C
Figure 196. Receiver Noise Figure vs. Out-of-Band Interferer Signal Power,
5400 MHz LO, 5600 MHz CW Interferer, NF Integrated over 7 MHz to 10 MHz
0
–100
020
RF ATTENUATION (dB)
–70
–80
–90
–60
–30
–50
–10
–40
–20
10
515
+110°C
+40°C
–40°C
Figure 197. Transmitter Image vs. RF Attenuation, 75 MHz RF Bandwidth,
5600 MHz LO, 0 dB RF Attenuation, Transmitter Quadrature Error Correction
(QEC) Tracking Run with Two 20 MHz LTE Downlink Carriers, Then Image
Measured with CW 10 MHz Offset from LO, 3 dB Digital Backoff,
245.76 MSPS Sample Rate
0
–100
–40
40
DESIRED OFFSET FREQUENCY (MHz)
–70
–80
–90
–60
–30
–50
–10
–40
–20
0
–20
20
30
–10
–30
10
+110°C
+40°C
–40°C
Figure 198. Transmitter Image vs. Desired Offset Frequency, 75 MHz RF
Bandwidth, 5600 MHz LO, 0 dB RF Attenuation, Transmitter QEC Tracking
Run with Two 20 MHz LTE Downlink Carriers, Then Image Measured with
CW Signal, 3 dB Digital Backoff, 245.76 MSPS Sample Rate
10
–10
5300
5900
RECEIVER LO FREQUENCY (MHz)
–8
–4
0
4
8
–6
–2
2
6
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 199. Tx Output Power, Transmitter QEC, and External LO Leakage
Active, 5 MHz CW Offset Signal, 1 MHz Resolution Bandwidth,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com