Electronic Components Datasheet Search
  English  ▼

X  

AD9371 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9371
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9371 Datasheet HTML 48Page - Analog Devices AD9371 Datasheet HTML 49Page - Analog Devices AD9371 Datasheet HTML 50Page - Analog Devices AD9371 Datasheet HTML 51Page - Analog Devices AD9371 Datasheet HTML 52Page - Analog Devices AD9371 Datasheet HTML 53Page - Analog Devices AD9371 Datasheet HTML 54Page - Analog Devices AD9371 Datasheet HTML 55Page - Analog Devices AD9371 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 52 of 60
0
–100
5350
6350
FREQUENCY (MHz)
–90
–70
–50
–30
–10
–80
–60
–40
–20
5450 5550 5650 5750
5950
5850
6150
6050
6250
Figure 212. Tx Output Power Spectrum, 3 dB Digital and 1 dB RF Backoff,
40 MHz RF Bandwidth, Transmitter QEC, and Internal LO Leakage Active,
LTE 10 MHz Signal, 5850 MHz LO, 1 MHz Resolution Bandwidth,
122.88 MSPS Sample Rate, Test Equipment Noise Floor De-Embedded
–20
–50
020
RF ATTENUATION (dB)
–45
–35
–40
–30
–25
510
15
+110°C
+40°C
–40°C
Figure 213. Transmitter EVM vs. RF Attenuation, 5600 MHz LO, Transmitter
LO Leakage, and Transmitter QEC Tracking Active, 75 MHz RF Bandwidth,
LTE 20 MHz Downlink Signal, 245.76 MSPS Sample Rate
0
–100
020
RF ATTENUATION (dB)
–70
–80
–90
–60
–30
–50
–10
–40
–20
10
515
+110°C
+40°C
–40°C
Figure 214. Transmitter HD2 vs. RF Attenuation, 5850 MHz LO, 5855 MHz
CW Desired Signal, 75 MHz RF Bandwidth, 245.76 MSPS Sample Rate
0
–80
020
RF ATTENUATION (dB)
–70
–60
–30
–50
–10
–40
–20
10
515
+110°C
+40°C
–40°C
Figure 215. Transmitter HD3 vs. RF Attenuation, 5850 MHz LO,
5855 MHz CW Desired Signal, 75 MHz RF Bandwidth,
245.76 MSPS Sample Rate
10
–20
025
20
RF ATTENUATION (dB)
–5
–15
5
–10
0
10
515
+110°C
+40°C
–40°C
Figure 216. Transmitter Output Power vs. RF Attenuation, 5850 MHz LO,
5855 MHz CW Desired Signal, 75 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0.10
–0.10
020
RF ATTENUATION (dB)
–0.02
–0.04
–0.08
0.08
–0.06
0.02
0.06
0.04
0
10
515
+110°C
+40°C
–40°C
Figure 217. Tx Attenuation Step Error vs. RF Attenuation, 5850 MHz LO,
5855 MHz CW Desired Signal, 75 MHz RF Bandwidth, 245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com