Electronic Components Datasheet Search
  English  ▼

X  

AD9371 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9371
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9371 Datasheet HTML 5Page - Analog Devices AD9371 Datasheet HTML 6Page - Analog Devices AD9371 Datasheet HTML 7Page - Analog Devices AD9371 Datasheet HTML 8Page - Analog Devices AD9371 Datasheet HTML 9Page - Analog Devices AD9371 Datasheet HTML 10Page - Analog Devices AD9371 Datasheet HTML 11Page - Analog Devices AD9371 Datasheet HTML 12Page - Analog Devices AD9371 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 9 of 60
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Logic Outputs
Output Voltage
High
1375
mV
Low
1025
mV
Differential
225
mV
Offset
1200
mV
DIGITAL SPECIFICATIONS (CMOS),
GPIO_3P3_x SIGNALS
Logic Inputs
Input Voltage
High Level
VDDA_3P3
× 0.8
VDDA_3P3
V
Low Level
0
VDDA_3P3
× 0.2
V
Input Current
High Level
−10
+10
µA
Low Level
−10
+10
µA
Logic Outputs
Output Voltage
High Level
VDDA_3P3
× 0.8
V
Low Level
VDDA_3P3
× 0.2
V
Drive Capability
4
mA
1
VDDA_1P3 refers to all analog 1.3 V supplies including the following: VDDA_BB, VDDA_CLKSYNTH, VDDA_TXLO, VDDA_RXRF, VDDA_RXSYNTH, VDDA_RXVCO,
VDDA_RXTX, VDDA_TXSYNTH, VDDA_TXVCO, VDDA_CALPLL, VDDA_SNRXSYNTH, VDDA_SNRXVCO, VDDA_CLK, and VDDA_RXLO.
2
Synthesis bandwidth (BW) is the extended bandwidth used by digital correction algorithms to measure conditions and generate compensation.
3
Quadrature error correction (QEC) is the system for minimizing quadrature images of a desired signal.
4
Local oscillator leakage (LOL) is a measure of the amount of the LO signal that is passed from a mixer with the desired signal.
5
Adjacent channel level reduction (ACLR) is a measure of the amount of power from the desired signal leaking into an adjacent channel.
6
dBFS represents the ratio of the actual output signal to the maximum possible output level for a continuous wave output signal at the given RF attenuation setting.
7
Continuous wave (CW) is a single frequency signal.
8
Note that the input signal power limit does not correspond to 0 dBFS at the digital output because of the nature of the continuous time Σ-Δ ADCs. Unlike the hard
clipping characteristic of pipeline ADCs, these converters exhibit a soft overload behavior when the input approaches the maximum level.
9
Signal-to-noise ratio is limited by the baseband quantization noise.
CURRENT AND POWER CONSUMPTION SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions / Comments
SUPPLY CHARACTERISTICS
VDDA_1P3 Analog Supplies1
1.267
1.3
1.33
V
VDIG Supply
1.267
1.3
1.33
V
VDDA_1P8 Supply
1.71
1.8
1.89
V
VDD_IF Supply
1.71
1.8
2.625
V
CMOS and LVDS supply, 1.8 V to 2.5 V nominal range
VDDA_3P3 Supply
3.135
3.3
3.465
V
VDDA_SER, VDDA_DES,
JESD_VTT_DES Supplies
1.14
1.3
1.365
V
POSITIVE SUPPLY CURRENT (Rx MODE)
Two Rx channels enabled, Tx upconverter disabled, 100 MHz
Rx BW, 122.88 MSPS data rate
VDDA_1P3 Analog Supplies1
1055
mA
VDIG Supply
625
mA
Rx QEC2 enabled, QEC2 engine active
VDD_IF Supply (CMOS and LVDS)
8
mA
VDDA_3P3 Supply
1
mA
No auxiliary DACs or auxiliary ADCs enabled; if enabled, the
auxiliary ADC adds 2.7 mA, and each auxiliary ADC adds 1.5 mA
VDDA_SER, VDDA_DES,
JESD_VTT_DES Supplies
375
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com