Electronic Components Datasheet Search
  English  ▼

X  

HMC1119LP4ME Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1119LP4ME
Description  Microwave radios and very small aperture terminals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1119LP4ME Datasheet(HTML) 1 Page - Analog Devices

  HMC1119LP4ME Datasheet HTML 1Page - Analog Devices HMC1119LP4ME Datasheet HTML 2Page - Analog Devices HMC1119LP4ME Datasheet HTML 3Page - Analog Devices HMC1119LP4ME Datasheet HTML 4Page - Analog Devices HMC1119LP4ME Datasheet HTML 5Page - Analog Devices HMC1119LP4ME Datasheet HTML 6Page - Analog Devices HMC1119LP4ME Datasheet HTML 7Page - Analog Devices HMC1119LP4ME Datasheet HTML 8Page - Analog Devices HMC1119LP4ME Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.25 dB LSB, 7-Bit, Silicon Digital
Attenuator, 0.1 GHz to 6.0 GHz
Data Sheet
HMC1119
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Attenuation range: 0.25 dB LSB steps to 31.75 dB
Low insertion loss:
1.1 dB at 1.0 GHz
1.3 dB at 2.0 GHz
Typical step error: less than ±0.1 dB
Excellent attenuation accuracy: less than ±0.2 dB
Low phase shift error: 6° phase shift at 1.0 GHz
Safe state transitions
High linearity
1 dB compression (P1dB): 31 dBm typical
Input third-order intercept (IP3): 54 dBm typical
RF settling time (0.05 dB final RF output): 250 ns
Single supply operation: 3.3 V to 5.0 V
ESD rating: Class 2 (2 kV human body model (HBM))
24-lead, 4 mm × 4 mm LFCSP package: 16 mm
2
APPLICATIONS
Cellular infrastructure
Microwave radios and very small aperture terminals (VSATs)
Test equipment and sensors
IF and RF designs
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The HMC1119 is a broadband, highly accurate, 7-bit digital
attenuator, operating from 0.1 GHz to 6.0 GHz with 31.5 dB
attenuation control range in 0.25 dB steps.
The HMC1119 is implemented in a silicon process, offering
very fast settling time, low power consumption, and high ESD
robustness. The device features safe state transitions and is
optimized for excellent step accuracy and high linearity over
frequency and temperature range. The RF input and output are
internally matched to 50 Ω and do not require any external
matching components. The design is bidirectional; therefore,
the RF input and output are interchangeable.
The HMC1119 has an on-chip regulator that can support a wide
supply operating range from 3.3 V to 5.0 V with no performance
change in electrical characteristics. The HMC1119 incorporates a
driver that supports serial (3-wire) and parallel controls of the
attenuator.
The HMC1119 comes in a RoHS-compliant, compact, 4 mm ×
4 mm LFCSP package.
A fully populated evaluation board is available.
24
23
22
21
20
19
78
9
10
11
12
1
2
3
4
5
6
18
17
16
15
14
13
D0
VDD
P/S
GND
ATTNIN
GND
SERNIN
CLK
LE
GND
ATTNOUT
PACKAGE
BASE
GND
GND
SERIAL/
PARALLEL
CONTROL
7-BIT
DIGITAL
ATTENUATOR


Similar Part No. - HMC1119LP4ME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC1113LP5E AD-HMC1113LP5E Datasheet
615Kb / 12P
GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114LP5DE AD-HMC1114LP5DE Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114LP5DETR AD-HMC1114LP5DETR Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
More results

Similar Description - HMC1119LP4ME

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
Microwave Radios
logo
Micross Components
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
Microwave & MM W Radios
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
18 and 23 GHz Microwave Radios
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
Microwave & VSAT Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
Point to point microwave radios
Rev. 0
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
High Linearity Microwave Radios
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
Local Oscillator for Microwave Radios
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
Low noise C?륱AN radios, Microwave links and Small Cells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com