Electronic Components Datasheet Search
  English  ▼

X  

HMC1119LP4ME Datasheet(PDF) 16 Page - Analog Devices

Part # HMC1119LP4ME
Description  Microwave radios and very small aperture terminals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1119LP4ME Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC1119LP4ME Datasheet HTML 8Page - Analog Devices HMC1119LP4ME Datasheet HTML 9Page - Analog Devices HMC1119LP4ME Datasheet HTML 10Page - Analog Devices HMC1119LP4ME Datasheet HTML 11Page - Analog Devices HMC1119LP4ME Datasheet HTML 12Page - Analog Devices HMC1119LP4ME Datasheet HTML 13Page - Analog Devices HMC1119LP4ME Datasheet HTML 14Page - Analog Devices HMC1119LP4ME Datasheet HTML 15Page - Analog Devices HMC1119LP4ME Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
HMC1119
Rev. 0 | Page 15 of 15
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 27. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.90 mm Package Height
(CP-24-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package Option
Branding3
HMC1119LP4ME
−40°C to +85°C
MSL3
24-Lead Lead Frame Chip Scale Package
[LFCSP]
CP-24-16
XXXX
1119
H
HMC1119LP4METR
−40°C to +85°C
MSL3
24-Lead Lead Frame Chip Scale Package
[LFCSP]
CP-24-16
XXXX
1119
H
EV2HMC1119LP4M
Evaluation Board
1 HMC1119LP4ME and HMC1119LP4METR are RoHS compliant parts.
2 See the Absolute Maximum Ratings section.
3 XXXX is the 4-digit lot number.
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
1.00
0.90
0.80
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.18
PIN 1
INDICATOR
0.20 MIN
2.85
2.70 SQ
2.55
EXPOSED
PAD
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12962-0-9/16(0)
www.analog.com/HMC1119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com