Electronic Components Datasheet Search
  English  ▼

X  

HMC1119LP4ME Datasheet(PDF) 14 Page - Analog Devices

Part # HMC1119LP4ME
Description  Microwave radios and very small aperture terminals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1119LP4ME Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC1119LP4ME Datasheet HTML 8Page - Analog Devices HMC1119LP4ME Datasheet HTML 9Page - Analog Devices HMC1119LP4ME Datasheet HTML 10Page - Analog Devices HMC1119LP4ME Datasheet HTML 11Page - Analog Devices HMC1119LP4ME Datasheet HTML 12Page - Analog Devices HMC1119LP4ME Datasheet HTML 13Page - Analog Devices HMC1119LP4ME Datasheet HTML 14Page - Analog Devices HMC1119LP4ME Datasheet HTML 15Page - Analog Devices HMC1119LP4ME Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet
HMC1119
Rev. 0 | Page 13 of 15
APPLICATIONS INFORMATION
EVALUATION PRINTED CIRCUIT BOARD
The schematic of the evaluation board, EV2HMC1119LP4M, is
shown in Figure 25. The PCB is four-layer material with a copper
thickness of 0.7 mils on each layer. Each copper layer is separated
with a dielectric material. The top dielectric material is 10-mil
RO4350 with a typical dielectric constant of 3.48. The middle and
bottom dielectric materials are FR-4 material, used for mechanical
strength and to meet the overall board thickness of approximately
62 mils, which allows SMA connectors to be slipped in at board
edges.
All RF and dc traces are routed on the top copper layer. The RF
transmission lines are designed using coplanar waveguide model
(CPWG) with a width of 18 mils, spacing of 17 mils, and dielectric
thickness of 10 mils to maintain 50 Ω characteristic impedance.
The inner and bottom layers are solid ground planes. For optimal
electrical and thermal performance, an ample number of vias are
populated around the transmission lines and under the package
exposed pad. The evaluation board layout serves as a recommend-
ation for the optimal performance on both electrical and thermal
aspects.
Figure 25. EV2HMC1119LP4M Evaluation PCB
Table 7. Bill of Materials
Item
Value1
Description
Manufacturer2
J1, J2
PCB mount SMA connector
J3
18-pin dc connector
TP1, TP2
Through hole mount test point
C1, C3
100 pF
Capacitor, 0402 package
C6
10 μF
Capacitor, 0603 package
C7
1000 pF
Capacitor, 0402 package
R1 to R11
0 Ω
Resistor, 0402 package
R12 to R25
100 kΩ
Resistor, 0402 package
SW1, SW2
SPDT four-position DIP switch
U1
HMC1119 digital attenuator
Analog Devices, Inc.
PCB3
600-00963-00 evaluation PCB
EV2HMC1119LP4M4 from Analog Devices
1 Blank cells in the Value column indicate that there is no specific value recommendation for the listed component.
2 Blank cells in the Manufacturer column indicate that there is no specific manufacturer recommendation for the listed component.
3 Circuit board material is Arlon 25FR.
4 Reference this number when ordering the full evaluation PCB. See the Ordering Guide section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com