Electronic Components Datasheet Search
  English  ▼

X  

EPR10 Datasheet(PDF) 2 Page - ETAL Group

Part # EPR10
Description  Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EPR10 Datasheet(HTML) 2 Page - ETAL Group

  EPR10 Datasheet HTML 1Page - ETAL Group EPR10 Datasheet HTML 2Page - ETAL Group EPR10 Datasheet HTML 3Page - ETAL Group EPR10 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Relay EPR10
www.e-t-a.de
Power Relay EPR10
1701
2
5
Time/current characteristic (Tamb = 25 °C)
0
1.30 2
3
4
5
6
7
8
... times rated current I
N
no trip
100%
must trip
130 %
10
P7
P5
P2
1
0.1
0.01
0.001
0.0001
1E-05
Tests
Chemical
ISO 16750-5; 2010 (interior,
resistance
under the hood, exterior)
Vibration resistance
IS0 16750-3: 2012 (test VIII)
Mechanical Shock
IS0 16750-3: 2012
(Test for devices on rigid points on
the body and on the frame)
Corrosion resistance
ISO 16750-4; 2010 (5.5.1 severity level 4)
Humidity
ISO 16750-4 2010 (5.6.2.3)
Temperature change
ISO 16750-4; 2010 (5.3.1)
Elektromagnetic
Regulation no. 10 of the United Nations
Economic Commission
Compatibility (EMC)for Europe (UN/ECE) —
Harmonisation of vehicle regulatiolns regard-
ing electromagnetic compatibility
EN 61000-6-2: 2005
EN 61000-6-3: 2007
Electrostatic
EN 61000-6-2: 2005
Discharge (ESD)
EN 61000-6-3: 2007
Humidity
ISO 16750-4; 2010
Temperature shock
ISO 16750-4; 2010 (Ice water shock test;
submersion test)
Free fall
ISO16750-3; 2012
Degree of protection
IP57 (except terminals of load circuit)
Material
moulded enclosure including epoxy with
flammability rating VO UL 94: 1996
Order numbering code
Type No.
EPR10 Electronic Power Relay
Protective function
N0 without protection
P2 overcurrent trip at 1.3 x In after 200 ms
P5 overcurrent trip at 1.3 x In after 500 ms
P7 overcurrent trip at 1.3 x In after 700 ms
Design
F1 flat design
Terminals / control cable
G1 M8 terminal studs / Tyco connectors (HDSCS)
with 2 M8 nuts
G2 M8 terminal studs / Tyco connectors (HDSCS)
without M8 nuts
Load and control
HS HSS
Version
S0
standard
System voltage
D2 DC 12 V / 24 V
Current ratings (at 25°C)
75 A
protected version only
100 A both versions
125 A protected version only
150 A protected version only
175 A protected version only
200 A both versions
EPR10 - P7 F1 G2 - HS
S0
D2 - 200A ordering example
Technical data (25 °C)
Voltage
0 ... 32 V DC
Max. leakage current 20 µA
Max. load current
2 A
General
Typical life
> 1,000,000 cycles
Trip current
only EPR10-P (with protective function)
1.3 times rated current ± 15 %
Trip time
only EPR10-P (with protective function)
selectable between 0.2 / 0.5 / 0.7 s ± 15 %
Excess temperature
only EPR10-P (with protective function);
circuit will be disconnected with excess
temperature;
(reset after 500 ms OFF condition)
Temperature range
-40…+85 °C in operation
-55…+90 °C for storage
Degree of protection
IP57
Vibration
> 6 g
Chemical resistance
oil, grease, alcohol, urea, extinguishing
agents, battery acid, salt mist, detergents,
humidity
Enclosure and mounting
Material of enclosure moulded, V0 flammability rating
Terminals
tin-plated copper
Terminal studs
stainless steel
Max. tightening torque 15 Nm (for M8 studs)
Dimensions
163 mm x 73 mm x 35 mm
Mass
≤ 250 g
Recommended
current ratings [A] cable cross section [mm²]
cross sections
75
25
100
35
125
50
150
50
175
70
200
95



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com