Electronic Components Datasheet Search
  English  ▼

X  

EPR10 Datasheet(PDF) 3 Page - ETAL Group

Part # EPR10
Description  Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EPR10 Datasheet(HTML) 3 Page - ETAL Group

  EPR10 Datasheet HTML 1Page - ETAL Group EPR10 Datasheet HTML 2Page - ETAL Group EPR10 Datasheet HTML 3Page - ETAL Group EPR10 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
Power Relay EPR10
1701
3
5
Power Relay EPR10
Schematic diagram
Derating curve
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.
Dimensions
17.4 ± 0.4
max. 70
max. 70
33.6 ± 0.4
136.2 ± 0.4
139.6 ± 0.4
162.4 ± 0,5
installation
area
installation
area
operating area
LINE (+)
DC 12 V /24 V
LOAD (-)
SF
GND
+
IN+
Low Side Switch
HighSide Switch
EPR-10...
EPR-10...
Load
-
+
IN
SF
GND
-
+
IN
SF
GND
Load
Tamb [°C]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com