Electronic Components Datasheet Search
  English  ▼

X  

EPR10 Datasheet(PDF) 1 Page - ETAL Group

Part # EPR10
Description  Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EPR10 Datasheet(HTML) 1 Page - ETAL Group

  EPR10 Datasheet HTML 1Page - ETAL Group EPR10 Datasheet HTML 2Page - ETAL Group EPR10 Datasheet HTML 3Page - ETAL Group EPR10 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Power Relay EPR10
1701
1
5
Description
Technical data (25 °C)
EPR10
Load circuit
System voltage
12 V DC / 24 V DC
Max. continuous
EPR10-N (relay version without protective
current
function) 100 A or 200 A
(please also see derating information)
Current rating range
EPR10-P (with protective function)
75 A, 100 A, 125 A, 150 A, 175 A, 200 A
Max. overvoltage
36 V DC
Max. switch-off
current
Resistive loads
(L/R < 0,3 ms)
Inductive loads
Last (L/R < 2 ms)
EPR10-N - 100 A
700 A
100 A
EPR10-N - 200 A
1400 A
200 A
EPR10-P - 75 A
375 A
75 A
EPR10-P - 100 A
500 A
100 A
EPR10-P - 125 A
625 A
125 A
EPR10-P - 150 A
750 A
150 A
EPR10-P - 175 A
875 A
175 A
EPR10-P - 200 A
1000 A
200 A
Voltage drop
85 mV
Max. switching
frequency
1 Hz
Reverse polarity
without
protection
Note: Observation of correct polarity when
connecting the device is imperative to avoid
damage of the relay.
Load output
HSS
Leakage current
< 10 µA
Control circuit
Connector
Tyco HDSCS 3-pole part number 1-1418448-1
Pin assignment:
1 = GND (chassis)
2 = SF (output group fault)
3 = IN (control input)
Control voltage
ON
6 … 32 V DC
OFF: 0 ... 3 V DC
Max. overvoltage
36 V DC
Control current
at 12 V DC
2.5 mA
at 24 V DC
4 mA
at < 3 V DC
< 10 µA
Rising edge
< 5 ms
Signal outputs
Reverse polarity
protection
without
Switch type
“low side switch”
The electronic power relay EPR10 is a solid state relay for high
continuous currents. It is suitable for use in utility vehicles and special
vehicles where reliability and functional safety are at a premium. At DC
24 V, the EPR10 allows a continuous load of up to 200 A.
The EPR10 is available in two different versions: EPR10-N is a relay
and has no protective function. Two performance classes are available
(up to 100 A and up to 200 A). EPR10-P is a protective relay and
monitors both the load current and the thermal load. In the event of a
critical condition, the device will automatically interrupt the circuit and
will issue a group fault signal.
Note: We are preparing a separate version for applications where the
current can flow in both directions. The present EPR10 design only
allows one current direction.
Applications
Benefits
Powerful loads in DC 12 V and DC 24 V on-board electrical systems,
which have to be supplied continuously with currents from 75 A to 200 A
and which have to be switched frequently:
l
Pumps
l
Ventilations
l
Cooling systems
l
80 % less space requirement than similar conventional solid state
relays:
- no heat sink required
- low internal resistance through parallel connection of power
semi-conductors
- technically mature heat management
- cooling through connecting cables
l
Low investment costs:
- blade fuses in sub-paths and heat sinks superfluous because the
EPR protects against overcurrent and short circuit
l
Minimised maintenance costs:
- enhanced availability due to a much longer life span compared to
mechanical relays
- very high resistance against dust, humidity, vibration and shock
due to the sealed electronic circuitry
l
Less CO2 emission:
- due to low internal resistance
- due to minor holding power
l
Flexible design:
- the device switches without a sound and can therefore be
installed in the passenger cabin without being noticed.
Approval authority
Logo
Directive
KBA
E1 10R-05 7759
ECE R10 Rev. 05
CE
2004/108/EG
Approvals


Similar Part No. - EPR10

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
EPR10-N0F1G1-HSS0D2-100A E-T-A-EPR10-N0F1G1-HSS0D2-100A Datasheet
437Kb / 3P
Power Relay EPR10
EPR10-N0F1G1-HSS0D2-125A E-T-A-EPR10-N0F1G1-HSS0D2-125A Datasheet
437Kb / 3P
Power Relay EPR10
EPR10-N0F1G1-HSS0D2-150A E-T-A-EPR10-N0F1G1-HSS0D2-150A Datasheet
437Kb / 3P
Power Relay EPR10
EPR10-N0F1G1-HSS0D2-175A E-T-A-EPR10-N0F1G1-HSS0D2-175A Datasheet
437Kb / 3P
Power Relay EPR10
EPR10-N0F1G1-HSS0D2-200A E-T-A-EPR10-N0F1G1-HSS0D2-200A Datasheet
437Kb / 3P
Power Relay EPR10
More results

Similar Description - EPR10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com