Electronic Components Datasheet Search
  English  ▼

X  

PI3A125 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3A125
Description  SOTINY Low Voltage SPST Analog Switch/Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3A125 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8575A
06/27/04
Features
• Low Voltage, SPST Switch
– VCC from 2.3V to 3.6V
• Low On-Resistance: 6 ohms at 3.0V
• CMOS Technology for Bus and Analog Applications
• Rail-to-Rail Signal Range
• Low Power: 30µW at 3.0V
• High Speed: 4ns
• High Off Isolation: 65dB at 1MHz
• High Bandwidth: 250MHz
• Extended Industrial Temperature Range: -40°C to 85°C
• Improved,DirectReplacementforSN74CBTLV1G125
• Packaging:
- 5-pin SC70 (C)
- 5-pin SOT-23 (T)
Applications
• Cell Phones
• Computer Peripherals
• Bus Isolation
• Servers/Routers
• Data Communications
• PDAs
• Portable Instrumentation
• Battery Powered Communications
PI3A125
SOTINYTM Low Voltage SPST
Analog Switch/Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Description
The PI3A125 is a high-speed CMOS SPST switch that can be used
in analog or low-delay bus switch applications.
Specified over a wide operating power supply voltage range, 2.3V
to 3.6V, the PI3A125 has a low maximum ON resistance of 10-ohm
at 2.3V and 7 ohms at 3V. The CMOS device features rail-to-rail
signal range. The switch is turned off when the OE input is high.
Power requirements at 3V are a low 30µW.
The PI3A125 is an improved, direct replacement for the
SN74CBTLV1G125. Pericom improvements include lower resis-
tance and detailed analog switch specifications.
E
On
o
i
t
c
n
u
F
0N
O
1F
F
O
LogicFunctionTable
r
e
b
m
u
N
n
i
Pe
m
a
Nn
o
i
t
p
i
r
c
s
e
D
1E
Ot
u
p
n
I
c
i
g
o
L
e
l
b
a
n
E
2A
t
r
o
P)l
a
n
o
it
c
e
ri
d
i
B
(
t
u
p
t
u
O
/t
u
p
n
I
3D
N
Gd
n
u
o
r
G
4B
t
r
o
P)l
a
n
o
it
c
e
ri
d
i
B
(
t
u
p
t
u
O
/t
u
p
n
I
5V C
C
y
l
p
p
u
S
r
e
w
o
P
e
v
it
i
s
o
P
PinDescription
ConnectionDiagram
PI3A125
OE
A
1
2
3
5
4
GND
VCC
B


Similar Part No. - PI3A125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
PI3A125BCE PERICOM-PI3A125BCE Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
PI3A125BTAE PERICOM-PI3A125BTAE Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
More results

Similar Description - PI3A125

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
Low-Voltage Dual SPST Analog Switch
01-Aug-03
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
Low-Voltage SPST 0.4OHM Analog Switch
logo
Vishay Siliconix
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Vishay Siliconix
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com