Electronic Components Datasheet Search
  English  ▼

X  

PI3A125 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A125
Description  SOTINY Low Voltage SPST Analog Switch/Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A125 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3A125
SOTINY Low Voltage SPST
AnalogSwitch/BusSwitch
PS8575A
06/27/04
.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
3
.
26
.
3
V
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
o
r
t
n
o
C
l
e
v
e
L
-
h
g
i
H
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V C
C
V
6
.
3
o
t
V
7
.
2
=2
V L
I
e
g
a
tl
o
V
t
u
p
n
I
l
o
r
t
n
o
C
l
e
v
e
L
-
w
o
L
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
7
.
2
=8
.
0
TA
e
r
u
t
a
r
e
p
m
e
T
ri
A
-
e
e
r
F
g
n
it
a
r
e
p
O
0
4
–5
8C
°
RecommendedOperatingConditions(1)
Note:
1. To ensure proper device operation, all unused control inputs of the device must be held at VCC or GND.
Absolute Maximum Ratings &
ThermalInformation(1)
Supply Voltage VCC ............................................... –0.5Vto4.6V
Input Voltage Range, VI ......................................... –0.5Vto4.6V
Continuous Channel Current ............................................ 128mA
Package Thermal Impedance,
θJA
SOT23 package ....................................................... 206°C/W
SC70 package .......................................................... 252°C/W
Storage Temperature Range, Tstg ....................... –65°Cto150°C
Notes:
1. Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “Recommended
Operating Conditions” is not implied. Exposure to absolute-maxi-
mum-rated conditions for extended periods may affect device
reliability.
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
Te
g
a
t
l
o
V
y
l
p
p
u
S.
n
i
Mp
y
T.
x
a
Ms
t
i
n
U
V C
C
e
g
n
a
R
e
g
a
tl
o
V
g
o
l
a
n
AV C
C
3
.
26
.
3V
R N
O
N
Oe
c
n
a
t
s
i
s
e
R
II
V
,
A
m
4
6
=
I
V
0
=
V
3
.
2
79
Ω
II
V
,
A
m
4
2
=
I
V
0
=
7
9
II
V
,
A
m
5
1
=
I
V
7
.
1
=
5
1
2
2
R N
O
N
Oe
c
n
a
t
s
i
s
e
R
)
4
(
II
V
,
A
m
4
6
=
I
V
0
=
V
3
5
6
II
V
,
A
m
4
2
=
I
V
0
=
5
6
II
V
,
A
m
5
1
=
I
V
4
.
2
=
0
1
3
1
V H
I
e
g
a
tl
o
V
c
i
g
o
L
h
g
i
H
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V
V C
C
V
6
.
3
o
t
V
7
.
2
=2
V L
I
e
g
a
tl
o
V
c
i
g
o
L
w
o
L
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
7
.
2
=8
.
0
I N
I
t
n
e
r
r
u
C
c
i
g
o
L
t
u
p
n
I
V N
I
r
o
m
u
m
i
n
i
M
h
g
i
H
c
i
g
o
L
=
V N
I
m
u
m
i
x
a
M
w
o
L
c
i
g
o
L
=
V C
C
V
6
.
3
o
t
V
7
.
2
=0
.
1
±
A
µ
I F
F
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
t
a
t
S
F
F
OV C
C
V
6
.
3
o
t
V
7
.
2
=0
5
±
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QIO
V
,
A
m
0
=
I
V
=
C
C
D
N
G
r
oV C
C
V
6
.
3
=0
1
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
l
o
r
t
n
o
CVI
0
r
o
V
3
=V C
C
V
6
.
3
=
5
.
2
F
p
C
)
F
F
O
(
O
I
h
c
ti
w
S
F
F
O
f
o
e
c
n
a
ti
c
a
p
a
CVO
D
N
G
r
o
V
3
=V C
C
V
6
.
3
=
7
C
)
N
O
(
O
I
h
c
ti
w
S
N
O
f
o
e
c
n
a
ti
c
a
p
a
Cz
H
M
1
=
fV C
C
V
6
.
3
=
6
1
DC Electrical Characteristics (Over the Operating temperature range, TA = –40°C to 85°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com