Electronic Components Datasheet Search
  English  ▼

X  

PI3A125 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3A125
Description  SOTINY Low Voltage SPST Analog Switch/Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3A125 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3A125
SOTINY Low Voltage SPST
AnalogSwitch/BusSwitch
PS8575A
06/27/04
Load Circuit
VCC = 2.5V ±0.2V
500
Ω
500
Ω
2 x VCC
Open
GND
S1
From Output
Under Test
CL = 30pF
(See Note 1)
Input
tPLH
tPHL
VCC
VCC/2
VCC/2
VCC/2
VCC/2
0 V
Output
VOH
VOL
Voltage Waveforms
Propagation Delay Times
tPZL
Output
Control
(Low Level
Enabling)
0V
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ
tPHZ
VOL
VCC
0V
tPZH
+0.15V
–0.15V
Output
Waveform 1
S1 at 2 x VCC
(see Note 2)
Output
Waveform 2
S1 at GND
(see Note 2)
VOH
VOH
VOL
VCC
Voltage Waveforms
Propagation Delay Times
t
s
e
T1
S
t d
p
t Z
L
P
t/ L
Z
P
t Z
H
P
t/ H
Z
P
n
e
p
O
V
x
2
C
C
D
N
G
Notes:
1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is HIGH except when disabled by the output control.
3. All input pulses are supplied by generators having the following characteristics: PRR <10 MHz, ZO = 50Ω, tr ≤ 2ns, tf ≤ 2ns.
4. The outputs are measured one at a time with one transition per measurement.
5. tPLZ and tPHZ are the same as tdis.
6. tPZL and tPZH are the same as ten.
7. tPLH and tPHL are the same as tpd.
Figure 1. Test Circuit and Voltage Waveforms for VCC=2.5V
Test Circuits and Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com