Electronic Components Datasheet Search
  English  ▼

X  

PI3A3159 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3A3159
Description  3.0V, SOTiny 0.4??SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3159 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3A3159 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8710A
06/27/04
PI3A3159
3.0V, SOTiny™ 0.4Ω
SPDT Analog Switch
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. ΔRON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
Electrical Specifications - Single +2.5V Supply (VCC = +2.5V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Parameter
Symbol
Conditions
Temp. (°C) Min.(1) Typ.(2) Max.(1) Units
Analog Switch
Analog Signal Range(3)
VANALOG
0
VCC
V
On-Resistance
RON
VCC = 2.5V, ICOM = –8mA,
VNO or VNC = 1.8V
25
0.5
Ω
Full
0.55
On-Resistance Match Be-
tween Channels(4)
∆RON
VCC = 2.5V, ICOM = –8mA,
VNO or VNC = 0.8V, 1.8V
25
0.09
Full
0.09
On-Resistance Flatness(5)
RFLAT(ON)
25
0.02
Full
0.02
Dynamic
Turn-On-Time
tON
VCC = 2.5V, VNO or VNC = 1.8V,
Figure 1
25
30
ns
Full
30
Turn-Off-Time
tOFF
25
15
Full
15
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, Figure 2
25
40
pC
Logic Input
Input High Voltage
VIH
Guaranteed Logic High Level
Full
1.4
V
Input Low Voltage
VIL
Guaranteed Logic LowLevel
Full
0.5
Input High Current
IINH
VIN = 1.4V, all others = 0.5V
Full
–1
1
µA
Input Low Current
IINL
VIN = 0.5V, all others = 1.4V
Full
–1
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com