Electronic Components Datasheet Search
  English  ▼

X  

PI3A3159 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3A3159
Description  3.0V, SOTiny 0.4??SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3159 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3A3159 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8710A
06/27/04
Features
• CMOS Technology for Bus and Analog Applications
• Low ON-Resistance: 0.4Ω (+2.7V Supply)
• Wide VCC Range: +1.5V to +3.6V
• Low Power Consumption : 5µW
• Rail-to-Rail switching throughout Signal Range
• Fast Switching Speed: 20ns max. at 3.3V
• High Off Isolation: –27dB at 100 KHz
• –41dB (100KHz) Crosstalk Rejection Reduces
Signal Distortion
• Extended Industrial Temperature Range: –40
°C to 85°C
• Packaging (Pb-free & Green available):
– 6-pin Small Compact SOT-23 (T)
– 6-pin Ultra Compact (ZC)
Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Battery Powered Communications
• Computer Peripherals
PI3A3159
3.0V, SOTiny™ 0.4Ω
SPDT Analog Switch
Description
The PI3A3159 is a, fast single-pole double-throw (SPDT) CMOS
switch. It can be used as an analog switch or as a low-delay bus
switch. Specified over a wide operating power supply voltage
range, +1.5V to +3.6V, the PI3A3159 has an On-Resistance of
0.4Ω at 3.0V.
Control input, IN, tolerates input drive signals up to 3.3V, inde-
pendent of supply voltage.
PI3A3159 is a lower voltage and On-Resistance replacement for
the PI5A3159.
Connection Diagram
NO
GND
1
2
3
6
4
NC
IN
5 VCC
COM
Pin Description
Pin Number
Name
Description
1
NO
Data Port (Normally Open)
2
GND
Ground
3
NC
Data Port (Normally Closed)
4
COM
Common Output/Data Port
5
VCC
Positive Power Supply
6
IN
Logic Control
Logic Function Table
Logic Input
Function
0
NC Connected to COM
1
NO Connected to COM


Similar Part No. - PI3A3159

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3160 PERICOM-PI3A3160 Datasheet
523Kb / 8P
3.0V, SOTiny??0.4??Dual SPDT Analog Switch
PI3A3160C PERICOM-PI3A3160C Datasheet
460Kb / 7P
3.0V, SOTiny??0.8廓 Dual SPDT Analog Switch with -1.0V to 4.2V Operating Range
More results

Similar Description - PI3A3159

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3160 PERICOM-PI3A3160 Datasheet
523Kb / 8P
3.0V, SOTiny??0.4??Dual SPDT Analog Switch
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A4626 PERICOM-PI3A4626 Datasheet
464Kb / 8P
3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
0.4廓 Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A3160C PERICOM-PI3A3160C Datasheet
460Kb / 7P
3.0V, SOTiny??0.8廓 Dual SPDT Analog Switch with -1.0V to 4.2V Operating Range
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
0.4廓 Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
0.4廓 Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157_14 Datasheet
122Kb / 8P
Ultra-Low 0.4 ohm SPDT Analog Switch
February, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com