Electronic Components Datasheet Search
  English  ▼

X  

PI3A3159 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3A3159
Description  3.0V, SOTiny 0.4??SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3159 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3A3159 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8710A
06/27/04
PI3A3159
3.0V, SOTiny™ 0.4Ω
SPDT Analog Switch
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Figure 2. Charge Injection
VCC
VCC
NO
GND
NC
COM
Logic
Input
tr <20ns
tf <20ns
VOUT = VNO
RL
RL + RON
(
)
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
VOUT
RL
50
Ω
CL
35pF
LOGIC INPUT WAVEFORMS INVERTED FOR
SWITCHES THAT HAVE OPPOSITE LOGIC
* 1.5V FOR 3.3V SUPPLY
tOFF
tON
90%
90%
Logic
Input
Switch
Output
VINH
VINL
0V
50%
V
RL
50
Ω
CL
35pF
VNO
∆VOUT
VOUT
VOUT
VGEN
Logic
Input
OFF
OFF
OFF
ON
ON
IN
IN
COM
IN
GND
VCC
.1µF
VCC
NC
NO or
OFF
Q = (
∆VOUT)(CL)
CL
1nF
Figure 3. Off Isolation
Figure 4. Crosstalk
VCC
+3.3V
Analyzer
IN
10nF
NC or
NO
COM1
0V to 2.4V
or
0V to 2V
GND
50
Ω
50
Ω
Analyzer
Signal
Generator
0dBm
COM
10nF
GND
NC
NO
IN
VCC
VCC
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com