Electronic Components Datasheet Search
  English  ▼

X  

PIC16C83 Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16C83
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C83 Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16C83 Datasheet HTML 73Page - Microchip Technology PIC16C83 Datasheet HTML 74Page - Microchip Technology PIC16C83 Datasheet HTML 75Page - Microchip Technology PIC16C83 Datasheet HTML 76Page - Microchip Technology PIC16C83 Datasheet HTML 77Page - Microchip Technology PIC16C83 Datasheet HTML 78Page - Microchip Technology PIC16C83 Datasheet HTML 79Page - Microchip Technology PIC16C83 Datasheet HTML 80Page - Microchip Technology PIC16C83 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 77
PIC16C8X
Applicable Devices 83 R83 84 84A R84
11.5
Timing Diagrams and Specifications
FIGURE 11-3: EXTERNAL CLOCK TIMING
TABLE 11-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fos
External CLKIN Frequency
(Note 1)
DC
—
2
MHz
XT, RC osc
PIC16LC84-04
DC
—
4
MHz
XT, RC osc
PIC16C84-04
DC
—
10
MHz
HS osc
PIC16C84-10
DC
—
200
kHz
LP osc
PIC16LC84-04
Oscillator Frequency
(Note 1)
DC
—
2
MHz
RC osc
PIC16LC84-04
DC
—
4
MHz
RC osc
PIC16C84-04
0.1
—
2
MHz
XT osc
PIC16LC84-04
0.1
—
4
MHz
XT osc
PIC16C84-04
1
—
10
MHz
HS osc
PIC16C84-10
DC
—
200
kHz
LP osc
PIC16LC84-04
1TOSC
External CLKIN Period
(Note 1)
500
—
—
ns
XT, RC osc
PIC16LC84-04
250
—
—
ns
XT, RC osc
PIC16C84-04
100
—
—
ns
HS osc
PIC16C84-10
5—
—
µs
LP osc
PIC16LC84-04
Oscillator Period
(Note 1)
500
250
—
—
—
—
ns
ns
RC osc
PIC16LC84-04
RC osc
PIC16C84-04
500
—
10,000
ns
XT osc
PIC16LC84-04
250
—
10,000
ns
XT osc
PIC16C84-04
100
—
1,000
ns
HS osc
PIC16C84-10
5—
—
µs
LP osc
PIC16LC84-04
2TCY
Instruction Cycle Time (Note 1)
0.4
4/Fosc
DC
µs
3
TosL,
TosH
Clock in (OSC1) High or Low Time
60 *
—
—
ns
XT osc
PIC16LC84-04
50 *
—
—
ns
XT osc
PIC16C84-04
2 *
—
—
µs
LP osc
PIC16LC84-04
35 *
—
—
ns
HS osc
PIC16C84-10
4
TosR,
TosF
Clock in (OSC1) Rise or Fall Time
25 *
—
—
ns
XT osc
PIC16C84-04
50 *
—
—
ns
LP osc
PIC16LC84-04
15 *
—
—
ns
HS osc
PIC16C84-10
†
Data in "Typ" column is at 5.0V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current
consumption. All devices are tested to operate at "min." values with an external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
4
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com