Electronic Components Datasheet Search
  English  ▼

X  

PIC16C84A Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16C84A
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84A Datasheet(HTML) 3 Page - Microchip Technology

  PIC16C84A Datasheet HTML 1Page - Microchip Technology PIC16C84A Datasheet HTML 2Page - Microchip Technology PIC16C84A Datasheet HTML 3Page - Microchip Technology PIC16C84A Datasheet HTML 4Page - Microchip Technology PIC16C84A Datasheet HTML 5Page - Microchip Technology PIC16C84A Datasheet HTML 6Page - Microchip Technology PIC16C84A Datasheet HTML 7Page - Microchip Technology PIC16C84A Datasheet HTML 8Page - Microchip Technology PIC16C84A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 3
PIC16C8X
1.0
GENERAL DESCRIPTION
The PIC16C8X is a group in the PIC16CXX family of
low-cost, high-performance, CMOS, fully-static, 8-bit
microcontrollers. This group contains the following
devices:
• PIC16C83
• PIC16CR83
• PIC16C84
• PIC16C84A
• PIC16CR84
All PIC16/17 microcontrollers employ an advanced
RISC architecture. PIC16CXX devices have enhanced
core features, eight-level deep stack, and multiple
internal and external interrupt sources. The separate
instruction and data buses of the Harvard architecture
allow a 14-bit wide instruction word with a separate
8-bit wide data bus. The two stage instruction pipeline
allows all instructions to execute in a single cycle,
except for program branches (which require two
cycles). A total of 35 instructions (reduced instruction
set) are available. Additionally, a large register set gives
some of the architectural innovations used to achieve a
very high performance.
PIC16C8X microcontrollers typically achieve a 2:1
code compression and up to a 2:1 speed improvement
(at 10 MHz) over other 8-bit microcontrollers in their
class.
The PIC16C8X has up to 68 bytes of RAM, 64 bytes of
Data
EEPROM
memory,
and
13
I/O
pins.
A
timer/counter is also available.
The PIC16CXX family has special features to reduce
external components, thus reducing cost, enhancing
system reliability and reducing power consumption.
There are four oscillator options, of which the single pin
RC oscillator provides a low-cost solution, the LP
oscillator minimizes power consumption, XT is a
standard crystal, and the HS is for High Speed crystals.
The SLEEP (power-down) mode offers power saving.
The user can wake the chip from sleep through several
external and internal interrupts and resets.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software
lock-up.
The devices with EEPROM program memory allows
the same device package to be used for prototyping
and production. In-circuit reprogrammability allows the
code to be updated without the device being removed
from the end application. This is useful in the
development of many applications where the device
may not be easily accessible, but the prototypes may
require code updates. This is also useful for remote
applications where the code may need to be updated
(such as rate information).
Table 1-1 lists the features of the PIC16C8X, and
Appendix F: list the features of all of the Microchip
microcontrollers.
A simplified block diagram of the PIC16C8X is shown
in Figure 3-1.
The PIC16C8X fits perfectly in applications ranging
from high speed automotive and appliance motor
control to low-power remote sensors, electronic locks,
security devices and smart cards. The EEPROM
technology
makes
customization
of
application
programs (transmitter codes, motor speeds, receiver
frequencies, security codes, etc.) extremely fast and
convenient. The small footprint packages make this
microcontroller series perfect for all applications with
space
limitations.
Low-cost,
low-power,
high
performance, ease of use and I/O flexibility make the
PIC16C8X very versatile even in areas where no
microcontroller use has been considered before
(e.g., timer functions, serial communication, capture
and compare, PWM functions and co-processor
applications).
The serial in-system programming feature (via two
pins) offers flexibility of customizing the product after
complete assembly and testing. This feature can be
used to serialize a product, store calibration data, or
program the device with the current firmware before
shipping.
1.1
Family and Upward Compatibility
Those users familiar with the PIC16C5X family of
microcontrollers will realize that this is an enhanced
version of the PIC16C5X architecture. Please refer to
Appendix A for a detailed list of enhancements. Code
written for PIC16C5X can be easily ported to the
PIC16C8X (Appendix B).
1.2
Development Support
The PIC16CXX family is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a low-cost development programmer and a
full-featured programmer. A “C” compiler and fuzzy
logic support tools are also available.
Thi d
t
t d
ith F
M k
4 0 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com