Electronic Components Datasheet Search
  English  ▼

X  

PIC16C84A Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16C84A
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84A Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16C84A Datasheet HTML 14Page - Microchip Technology PIC16C84A Datasheet HTML 15Page - Microchip Technology PIC16C84A Datasheet HTML 16Page - Microchip Technology PIC16C84A Datasheet HTML 17Page - Microchip Technology PIC16C84A Datasheet HTML 18Page - Microchip Technology PIC16C84A Datasheet HTML 19Page - Microchip Technology PIC16C84A Datasheet HTML 20Page - Microchip Technology PIC16C84A Datasheet HTML 21Page - Microchip Technology PIC16C84A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
PIC16C8X
DS30081F-page 18
© 1995 Microchip Technology Inc.
4.3
PCL and PCLATH
The Program Counter (PC) is 13-bits wide. The low
byte is the PCL register, which is a readable and
writable register. The high byte of the PC (PC<12:8>) is
not directly readable nor writable and comes from the
PCLATH register. The PCLATH (PC latch high) register
is a holding register for PC<12:8>. The contents of
PCLATH are transferred to the upper byte of the
program counter when the PC is loaded with a new
value. This occurs during a CALL, GOTO or a write to
PCL. The high bits of PC are loaded from PCLATH as
shown in Figure 4-6.
FIGURE 4-6:
LOADING OF PC IN
DIFFERENT SITUATIONS
4.3.1
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset
to the program counter (ADDWF
PCL
). When doing a
table read using a computed GOTO method, care
should be exercised if the table location crosses a PCL
memory boundary (each 256 byte block). Refer to the
application note
“Implementing a Table Read” (AN556).
PC
12
8 7
0
5
PCLATH<4:0>
PCLATH
INST with PCL
as dest
ALU result
GOTO, CALL
Opcode <10:0>
8
PC
12 11 10
0
11
PCLATH<4:3>
PCH
PCL
87
2
PCLATH
PCH
PCL
4.3.2
STACK
The PIC16CXX has an 8 deep x 13-bit wide hardware
stack (Figure 4-1). The stack space is not part of either
program or data space and the stack pointer is not
readable or writable. The entire 13-bit PC is PUSH'ed
onto the stack when a CALL instruction is executed or
an interrupt is acknowledged. The stack is POP'ed in
the event of a RETURN, RETLW or a RETFIE instruction
execution. PCLATH is not affected by a PUSH or a
POP operation.
The stack operates as a circular buffer. That is, after the
stack has been PUSH'ed eight times, the ninth push
overwrites the value that was stored from the first push.
The tenth push overwrites the second push (and so on).
If the stack is effectively POP'ed nine times, the PC
value is the same as the value from the first POP.
4.3.3
PROGRAM MEMORY PAGING
The PIC16C83 and PIC16CR83 have 512 words of
program memory. The PIC16C84, PIC16C84A, and
PIC16CR84 have 1K of program memory. The CALL
and GOTO instructions have an 11-bit address range.
This 11-bit address range allows a branch within a 2K
program memory page size. For future PIC16C8X
program memory expansion, there must be another
two bits to specify the program memory page. These
paging
bits
come
from
the
PCLATH<4:3>
bits
(Figure 4-6). When doing a CALL or a GOTO instruction,
the
user
must
ensure
that
these
page
bits
(PCLATH<4:3>) are programmed to the desired
program memory page. If a CALL instruction (or
interrupt) is executed, the entire 13-bit PC is pushed
onto
the
stack. Therefore,
manipulation
of
the
PCLATH<4:3> is not required for the return instructions
(which POPs the PC from the stack).
Note 1: There are no status bits to indicate stack
overflow or stack underflow conditions.
Note 2: There are no instructions mnemonics
called PUSH or POP. These are actions
that occur from the execution of the CALL,
RETURN,
RETLW,
and RETFIE instruc-
tions, or the vectoring to an interrupt
address
Note:
The PIC16C8X ignores the PCLATH<4:3>
bits, which are used for program memory
pages 1, 2 and 3 (0800h - 1FFFh). The use
of PCLATH<4:3> as general purpose R/W
bits is not recommended since this may
affect upward compatibility with future
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com