Electronic Components Datasheet Search
  English  ▼

X  

PIC16C84A Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C84A
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84A Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C84A Datasheet HTML 87Page - Microchip Technology PIC16C84A Datasheet HTML 88Page - Microchip Technology PIC16C84A Datasheet HTML 89Page - Microchip Technology PIC16C84A Datasheet HTML 90Page - Microchip Technology PIC16C84A Datasheet HTML 91Page - Microchip Technology PIC16C84A Datasheet HTML 92Page - Microchip Technology PIC16C84A Datasheet HTML 93Page - Microchip Technology PIC16C84A Datasheet HTML 94Page - Microchip Technology PIC16C84A Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 91
PIC16C8X
Applicable Devices 83 R83 84 84A R84
FIGURE 12-18: IOH vs. VOH, VDD = 3V
FIGURE 12-19: IOH vs. VOH, VDD = 5V
0
-2
-4
-6
-8
-10
-12
-14
0.0
0.5
1.0
1.5
2.0
2.5
VDD (Volts)
Min @ 85
°C
-16
-18
3.0
Max @ -40
°C
Typ @ 25
°C
0
-5
-10
-15
-20
-25
0.0
0.5
1.0
1.5
2.0
2.5
VDD (Volts)
Min @ 85
°C
-30
-35
3.0
Max @ -40
°C
Typ @ 25
°C
3.5
4.0
4.5
5.0
-40
-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com