Electronic Components Datasheet Search
  English  ▼

X  

PIC16C84A Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16C84A
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84A Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16C84A Datasheet HTML 109Page - Microchip Technology PIC16C84A Datasheet HTML 110Page - Microchip Technology PIC16C84A Datasheet HTML 111Page - Microchip Technology PIC16C84A Datasheet HTML 112Page - Microchip Technology PIC16C84A Datasheet HTML 113Page - Microchip Technology PIC16C84A Datasheet HTML 114Page - Microchip Technology PIC16C84A Datasheet HTML 115Page - Microchip Technology PIC16C84A Datasheet HTML 116Page - Microchip Technology PIC16C84A Datasheet HTML 117Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 115
PIC16C8X
APPENDIX E: PIC16C84
CONVERSION
CONSIDERATIONS
This appendix discusses some of the issues that you
may encounter as you convert your design from a
PIC16C84 to any of the newly introduced devices.
These new devices are:
• PIC16C83
• PIC16CR83
• PIC16C84A
• PIC16CR84
Some of the issues that may be encountered are:
1.
The polarity of the PWRTE configuration bit has
been reversed. Ensure that the programmer has
this bit correctly set before programming.
2.
The PIC16C84A and PIC16CR84 have larger
RAM sizes. Ensure that this does not cause an
issue with your program.
3.
The MCLR pin now has an on-chip filter. The
input signal on the MCLR pin will require a
longer low pulse to generate an interrupt.
4.
Many
electrical
specifications
have
been
improved. Compare the electrical specifications
of the two devices to ensure that this will not
cause a compatibility issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com