Electronic Components Datasheet Search
  English  ▼

X  

18F452 Datasheet(PDF) 263 Page - Microchip Technology

Part # 18F452
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F452 Datasheet(HTML) 263 Page - Microchip Technology

Back Button 18F452 Datasheet HTML 259Page - Microchip Technology 18F452 Datasheet HTML 260Page - Microchip Technology 18F452 Datasheet HTML 261Page - Microchip Technology 18F452 Datasheet HTML 262Page - Microchip Technology 18F452 Datasheet HTML 263Page - Microchip Technology 18F452 Datasheet HTML 264Page - Microchip Technology 18F452 Datasheet HTML 265Page - Microchip Technology 18F452 Datasheet HTML 266Page - Microchip Technology 18F452 Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 261
PIC18FXX2
22.1
DC Characteristics: PIC18FXX2 (Industrial, Extended)
PIC18LFXX2 (Industrial)
PIC18LFXX2
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18FXX2
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max Units
Conditions
VDD
Supply Voltage
D001
PIC18LFXX2
2.0
—
5.5
V
HS, XT, RC and LP Osc mode
D001
PIC18FXX2
4.2
—
5.5
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
——
V
D003
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
——
0.7
V
See Section 3.1 (Power-on Reset) for details
D004
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
——
V/ms See Section 3.1 (Power-on Reset) for details
VBOR
Brown-out Reset Voltage
D005
PIC18LFXX2
BORV1:BORV0 = 11
1.98
—
2.14
V
85
°C ≥ T ≥ 25°C
BORV1:BORV0 = 10
2.67
—
2.89
V
BORV1:BORV0 = 01
4.16
—
4.5
V
BORV1:BORV0 = 00
4.45
—
4.83
V
D005
PIC18FXX2
BORV1:BORV0 = 1x
N.A.
—
N.A.
V
Not in operating voltage range of device
BORV1:BORV0 = 01
4.16
—
4.5
V
BORV1:BORV0 = 00
4.45
—
4.83
V
Legend: Shading of rows is to assist in readability of the table.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode, or during a device RESET, without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption.
The test conditions for all IDD measurements in active Operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS, and all
features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR,...).
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: The LVD and BOR modules share a large portion of circuitry. The
∆IBOR and ∆ILVD currents are not additive.
Once one of these modules is enabled, the other may also be enabled without further penalty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com